Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2055 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC2055
Description  50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2055 Datasheet(HTML) 3 Page - Microchip Technology

  TC2055 Datasheet HTML 1Page - Microchip Technology TC2055 Datasheet HTML 2Page - Microchip Technology TC2055 Datasheet HTML 3Page - Microchip Technology TC2055 Datasheet HTML 4Page - Microchip Technology TC2055 Datasheet HTML 5Page - Microchip Technology TC2055 Datasheet HTML 6Page - Microchip Technology TC2055 Datasheet HTML 7Page - Microchip Technology TC2055 Datasheet HTML 8Page - Microchip Technology TC2055 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2009 Microchip Technology Inc.
DS21663D-page 3
TC2054/2055/2186
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ......................................................... 6.5V
Output Voltage ............................... (-0.3) to (VIN + 0.3)
Operating Temperature .................. -40°C < TJ< 125°C
Storage Temperature ......................... -65°C to +150°C
Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods my
affect device reliability.
ELECTRICAL SPECIFICATIONS
Electrical Specifications: Unless otherwise noted, VIN = VR + 1V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
BOLDFACE type specifications apply for junction temperature of -40°C to +125°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Input Operating Voltage
VIN
2.7
—
6.0
V
Note 1
Maximum Output Current
IOUTMAX
50
—
—
mA
TC2054
100
—
—
TC2055
150
—
—
TC2186
Output Voltage
VOUT
VR - 2.0% VR ± 0.4% VR + 2.0%
V
Note 2
VOUT Temperature
Coefficient
TCVOUT
—
20
—
ppm/°C Note 3
—40
—
Line Regulation
ΔV
OUT/
ΔV
IN
—
0.05
0.5
%
(VR + 1V) < VIN < 6V
Load Regulation
ΔV
OUT/
VOUT
-1.0
0.33
+1.0
%
TC2054;TC2055 IL = 0.1 mA to IOUTMAX
-2.0
0.43
+2.0
TC2186
IL = 0.1 mA to IOUTMAX
Note 6
Dropout Voltage, Note 7
VIN – VOUT
—2
—
mV
IL = 100 µA
—45
70
IL = 50 mA
—
90
140
TC2015; TC2185 IL = 100 mA
—
140
210
TC2185
IL = 150 mA
Note 7
Supply Current
IIN
—
55
80
µA
SHDN = VIH, IL=0
Shutdown Supply Current
IINSD
—
0.05
0.5
µA
SHDN = 0V
Power Supply Rejection
Ratio
PSRR
—
50
—
dB
FRE ≤ 100 kHz
Output Short Circuit Current
IOUT
SC
160
300
—
mA
VOUT = 0V
Note
1:
The minimum VIN has to meet two conditions: VIN = 2.7V and VIN = VR + VDROPOUT.
2:
VR is the regulator output voltage setting. For example: VR = 1.8V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V.
3:
TCVOUT =
4:
5:
6:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested
over a load range from 1.0 mA to the maximum specified output current. Changes in output voltage due to heating
effects are covered by the thermal regulation specification.
7:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value at a 1V differential.
8:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied,
excluding load or line regulation effects. Specifications are for a current pulse equal to IMAX at VIN = 6V for T = 10 ms.
9:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction tem-
perature and the thermal resistance from junction-to-air (i.e. TA, TJ, θJA).
10: Hysteresis voltage is referenced by VR.
11: Time required for VOUT to reach 95% of VR (output voltage setting), after VSHDN is switched from 0 to VIN.
V
OUTMAX
V
OUTMIN
–
() 10
6
×
V
OUT
ΔT
×
-----------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com