Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6141 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6141
Description  600 nA, Non-Unity Gain Rail-to-Rail Input/Output Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6141 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6141 Datasheet HTML 3Page - Microchip Technology MCP6141 Datasheet HTML 4Page - Microchip Technology MCP6141 Datasheet HTML 5Page - Microchip Technology MCP6141 Datasheet HTML 6Page - Microchip Technology MCP6141 Datasheet HTML 7Page - Microchip Technology MCP6141 Datasheet HTML 8Page - Microchip Technology MCP6141 Datasheet HTML 9Page - Microchip Technology MCP6141 Datasheet HTML 10Page - Microchip Technology MCP6141 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2009 Microchip Technology Inc.
DS21668D-page 7
MCP6141/2/3/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.4V to +5.5V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, CL = 60 pF, and CS is tied low.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift
with TA = -40°C to +85°C.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD =1.4V.
FIGURE 2-4:
Input Offset Voltage Drift
with TA = +85°C to +125°C and VDD =1.4V.
FIGURE 2-5:
Input Offset Voltage Drift
with TA = +85°C to +125°C and VDD =5.5V.
FIGURE 2-6:
Input Offset Voltage vs.
Common Mode Input Voltage with VDD =5.5V.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
-3
-2
-1
0
1
2
3
Input Offset Voltage (mV)
2396 Samples
VCM = VSS
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
-10 -8
-6
-4
-2
0
2468
10
Input Offset Voltage Drift (µV/°C)
2267 Samples
TA = -40°C to +85°C
VCM = VSS
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Common Mode Input Voltage (V)
VDD = 1.4V
TA = +25°C
TA = -40°C
TA = +125°C
TA = +85°C
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
11%
12%
-10 -8-6-4
-2
0
2
4
6
8
10
Input Offset Voltage Drift (µV/°C)
234 Samples
Representative Lot
VDD = 1.4V
VCM = VSS
TA = +85°C to +125°C
0%
2%
4%
6%
8%
10%
12%
14%
16%
-10 -8-6-4
-2
0
2
4
6
8
10
Input Offset Voltage Drift (µV/°C)
234 Samples
Representative Lot
VDD = 5.5V
VCM = VSS
TA = +85°C to +125°C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
Common Mode Input Voltage (V)
VDD = 5.5V
TA = +25°C
TA = -40°C
TA = +125°C
TA = +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com