Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC515 Datasheet(PDF) 21 Page - Microchip Technology

Part # 24LC515
Description  512K I2C??CMOS Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515 Datasheet(HTML) 21 Page - Microchip Technology

Back Button 24LC515 Datasheet HTML 16Page - Microchip Technology 24LC515 Datasheet HTML 17Page - Microchip Technology 24LC515 Datasheet HTML 18Page - Microchip Technology 24LC515 Datasheet HTML 19Page - Microchip Technology 24LC515 Datasheet HTML 20Page - Microchip Technology 24LC515 Datasheet HTML 21Page - Microchip Technology 24LC515 Datasheet HTML 22Page - Microchip Technology 24LC515 Datasheet HTML 23Page - Microchip Technology 24LC515 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21673G-page 21
24AA515/24LC515/24FC515
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA515:
=
512K Bit 1.8V I2C CMOS Serial EEPROM
24AA515T: =
512K Bit 1.8V I2C CMOS Serial EEPROM
(Tape and Reel)
24LC515:
=
512K Bit 2.5V I2C CMOS Serial EEPROM
24LC515T: =
512K Bit 2.5V I2C CMOS Serial EEPROM
(Tape and Reel)
24FC515:
=
512K Bit 2.5V I2C CMOS Serial EEPROM
24FC515T: =
512K Bit 2.5V I2C CMOS Serial EEPROM
(Tape and Reel)
Temperature Range:
I
=
-40°C to+85°C
Package:
P
=
Plastic DIP (300 mil Body), 8-lead
SM
=
Plastic SOIJ (5.28 mm Body), 8-lead
Examples:
a)
24AA515T-I/SM: Tape and Reel, Industrial
Temperature, SOIJ package.
b)
24LC515-I/P: Industrial Temperature, PDIP
package.
c)
24LC515-I/SM:
Industrial
Temperature,
SOIJ package.
d)
24LC515T-I/SM: Tape and Reel, Industrial
Temperature, SOIJ package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com