Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC14433A-E/OG Datasheet(PDF) 5 Page - Microchip Technology

Part # TC14433A-E/OG
Description  3-1/2 Digit, Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC14433A-E/OG Datasheet(HTML) 5 Page - Microchip Technology

  TC14433A-E/OG Datasheet HTML 1Page - Microchip Technology TC14433A-E/OG Datasheet HTML 2Page - Microchip Technology TC14433A-E/OG Datasheet HTML 3Page - Microchip Technology TC14433A-E/OG Datasheet HTML 4Page - Microchip Technology TC14433A-E/OG Datasheet HTML 5Page - Microchip Technology TC14433A-E/OG Datasheet HTML 6Page - Microchip Technology TC14433A-E/OG Datasheet HTML 7Page - Microchip Technology TC14433A-E/OG Datasheet HTML 8Page - Microchip Technology TC14433A-E/OG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21394D-page 5
TC14433/A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise specified, VDD = +5V, VEE = -5V, C1 = 0.1 µF, (Mylar), C0 = 0.1 µF, RC = 300 kΩ, R1 = 470 kΩ @ VREF = 2V,
R1 = 27 kΩ @ VREF = 200 mV, TA = +25°C.
FIGURE 2-1:
Rollover Error vs. Power
Supply Skew
FIGURE 2-2:
Sink Current at VDD = 5V.
FIGURE 2-3:
Clock Frequency vs.
Resistor (RC)
FIGURE 2-4:
Quiescent Power Supply
Current vs. Ambient Temperature.
FIGURE 2-5:
Sink Current at VDD = 5V.
FIGURE 2-6:
% Change to Clock
Frequency vs. Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3
-2
-1
0
1
-4
-3
-2
-1
Typical Rollover Error vs. Power Supply Skew
(VDD I-IVEE I) - SUPPLY VOLTAGE SKEW (V)
01
23
4
2
3
4
Note: Rollover Error is the Difference in Output
Reading for the same Analog Input Switched
from Positive to Negative.
0
1
2
3
4
5
01
2
3
4
5
-40
°C
+25
°C
+85
°C
Typical N-Channel Sink Current at VDD – VSS = 5 Volts
VDS - DRAIN TO SOURCE VOLTAGE (VDC)
1M
10k
10k
Ω
100k
Ω
1M
Ω
100k
CLOCK FREQUENCY
16,400
±1.5%
CONVERSION RATE =
Typical Clock Frequency vs. Resistor (RC)
RC - CLOCK FREQUENCY RESISTOR
Note: ±5% Typical Variation over
Supply Voltage Range
of ±4.5V to ±8V
CLOCK FREQUENCY
80
MULTIPLEX RATE =
Typical Quiescent Power Supply Current vs.Temp.
TA - TEMPERATURE (°C)
0
1
2
3
4
-40
-20
0
20
40
60
80
100
VEE = -8V
VDD = +8V
VEE = -5V
VDD = +5V
0
-1
-2
-3
0-1
-2
-3
-4
-5
Typical P-Channel Sink Current at VDD – VSS = 5 Volts
VDS - DRAIN TO SOURCE VOLTAGE (VDC)
-40
°C
+25
°C
+85
°C
4
3
2
1
0
-1
-2
-3
-4
-40
-20
0
20
40
60
80
Normalized at 25
°C
±5V Supply
±8V Supply
Typical % Change fo Clock Frequency vs. Temp.
CLOCK FREQUENCY
16,400
±1.5%
CONVERSION RATE =
CLOCK FREQUENCY
80
MULTIPLEX RATE =
TA - TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com