Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC515T Datasheet(PDF) 17 Page - Microchip Technology

Part # 24LC515T
Description  512K I2C??CMOS Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515T Datasheet(HTML) 17 Page - Microchip Technology

Back Button 24LC515T Datasheet HTML 13Page - Microchip Technology 24LC515T Datasheet HTML 14Page - Microchip Technology 24LC515T Datasheet HTML 15Page - Microchip Technology 24LC515T Datasheet HTML 16Page - Microchip Technology 24LC515T Datasheet HTML 17Page - Microchip Technology 24LC515T Datasheet HTML 18Page - Microchip Technology 24LC515T Datasheet HTML 19Page - Microchip Technology 24LC515T Datasheet HTML 20Page - Microchip Technology 24LC515T Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21673G-page 17
24AA515/24LC515/24FC515
APPENDIX A:
REVISION HISTORY
Revision C
Corrections to Section 1.0, Electrical Characteristics.
Revision D
Removed Preliminary status.
Revised conditions, Table 1-2, Param. 18.
Revision E
Revised Tables 1-1 and 2-1. Add Pb-free marking.
Revision F
Section 1.0 Electrical Characteristics: revised Ambient
Temperature; Revised Section 2.1 and Section 2.5
Revision G (07/2008)
Revised Features section; Revised 1.8V voltage to
1.7V; Replaced Package Drawings; Revised Product
ID System.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com