Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC515-I/P Datasheet(PDF) 7 Page - Microchip Technology

Part # 24LC515-I/P
Description  512K I2C??CMOS Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC515-I/P Datasheet(HTML) 7 Page - Microchip Technology

Back Button 24LC515-I/P Datasheet HTML 3Page - Microchip Technology 24LC515-I/P Datasheet HTML 4Page - Microchip Technology 24LC515-I/P Datasheet HTML 5Page - Microchip Technology 24LC515-I/P Datasheet HTML 6Page - Microchip Technology 24LC515-I/P Datasheet HTML 7Page - Microchip Technology 24LC515-I/P Datasheet HTML 8Page - Microchip Technology 24LC515-I/P Datasheet HTML 9Page - Microchip Technology 24LC515-I/P Datasheet HTML 10Page - Microchip Technology 24LC515-I/P Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2008 Microchip Technology Inc.
DS21673G-page 7
24AA515/24LC515/24FC515
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device (Figure 5-1).
The control byte consists of a 4-bit control code; for the
24XX515, this is set as ‘1010’ binary for read and write
operations. The next bit of the control byte is the block
select bit (B0). This bit acts as the A15 address bit for
accessing the entire array. The next two bits of the
control byte are the Chip Select bits (A1, A0). The Chip
Select bits allow the use of up to four 24XX515 devices
on the same bus and are used to select which device is
accessed. The Chip Select bits in the control byte must
correspond to the logic levels on the corresponding A1
and A0 pins for the device to respond. These bits are in
effect the two Most Significant bits of the word address.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’, a read operation is
selected, and when set to a ‘0’, a write operation is
selected. The next two bytes received define the
address of the first data byte (Figure 5-2). Because
only A14…A0 are used, the upper address bit is a
“don’t care.” The upper address bits are transferred
first, followed by the Less Significant bits.
Following the Start condition, the 24XX515 monitors
the SDA bus checking the device type identifier being
transmitted. Upon receiving a ‘1010’ code and appro-
priate device select bits, the slave device outputs an
Acknowledge signal on the SDA line. Depending on the
state of the R/W bit, the 24XX515 will select a read or
write operation.
This device has an internal addressing boundary
limitation that is divided into two segments of 256K bits.
Block select bit ‘B0’ is used in place of address bit
location ‘A15’ to control access to each segment.
FIGURE 5-1:
CONTROL BYTE
FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A1, A0 can be used to expand the
contiguous address space for up to 2 Mbit by adding up
to four 24XX515’s on the same bus. In this case,
software can use A0 of the control byte as address bit
A16 and A1 as address bit A17. It is not possible to
sequentially read across device boundaries.
Each
device
has
internal
addressing
boundary
limitations. This divides each part into two segments of
256K bits. The block select bit ‘B0’ controls access to
each “half” rather than address bit location A15.
Sequential read operations are limited to 256K blocks.
To read through four devices on the same bus, eight
random Read commands must be given.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
10
1
0
B0
A1
A0
SACK
R/W
Control Code
Chip
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
Select
Bits
Block
Select
Bit
1
010
B
0
A
1
A
0 R/W
x
A
11
A
10
A
9
A
7
A
0
A
8
••
•
•
••
A
12
Control Byte
Address High Byte
Address Low Byte
Control
Code
Chip
Select
Bits
X = “don’t care” bit
A
13
A
14
Block
Select
Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com