Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F467BAPMC-GSE2 Datasheet(PDF) 95 Page - fujitsu semiconductor

Part # MB91F467BAPMC-GSE2
Description  32-bit Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467BAPMC-GSE2 Datasheet(HTML) 95 Page - fujitsu semiconductor

Back Button MB91F467BAPMC-GSE2 Datasheet HTML 91Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 92Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 93Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 94Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 95Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 96Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 97Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 98Page - fujitsu semiconductor MB91F467BAPMC-GSE2 Datasheet HTML 99Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 136 page
background image
MB91460B Series
DS07-16609-1E
95
CPU supervisor mode
(INT #5 instruction) *5
505
—
—
3E8H
000FFFE8H
—
Memory Protection exception *5
606
—
—
3E4H
000FFFE4H
—
System reserved
7
07
—
—
3E0H
000FFFE0H
—
System reserved
8
08
—
—
3DCH
000FFFDCH
—
System reserved
9
09
—
—
3D8H
000FFFD8H
—
System reserved
10
0A
—
—
3D4H
000FFFD4H
—
System reserved
11
0B
—
—
3D0H
000FFFD0H
—
System reserved
12
0C
—
—
3CCH
000FFFCCH
—
System reserved
13
0D
—
—
3C8H
000FFFC8H
—
Undefined instruction
exception
14
0E
—
—
3C4H
000FFFC4H
—
NMI request
15
0F
FH fixed
3C0H
000FFFC0H
—
External Interrupt 0
16
10
ICR00
440H
3BCH
000FFFBCH
0, 16
External Interrupt 1
17
11
3B8H
000FFFB8H
1, 17
External Interrupt 2
18
12
ICR01
441H
3B4H
000FFFB4H
2, 18
External Interrupt 3
19
13
3B0H
000FFFB0H
3, 19
External Interrupt 4
20
14
ICR02
442H
3ACH
000FFFACH
20
External Interrupt 5
21
15
3A8H
000FFFA8H
21
External Interrupt 6
22
16
ICR03
443H
3A4H
000FFFA4H
22
External Interrupt 7
23
17
3A0H
000FFFA0H
23
External Interrupt 8
24
18
ICR04
444H
39CH
000FFF9CH
—
External Interrupt 9
25
19
398H
000FFF98H
—
External Interrupt 10
26
1A
ICR05
445H
394H
000FFF94H
—
External Interrupt 11
27
1B
390H
000FFF90H
—
External Interrupt 12
28
1C
ICR06
446H
38CH
000FFF8CH
—
External Interrupt 13
29
1D
388H
000FFF88H
—
External Interrupt 14
30
1E
ICR07
447H
384H
000FFF84H
—
External Interrupt 15
31
1F
380H
000FFF80H
—
Reload Timer 0
32
20
ICR08
448H
37CH
000FFF7CH
4, 32
Reload Timer 1
33
21
378H
000FFF78H
5, 33
Reload Timer 2
34
22
ICR09
449H
374H
000FFF74H
34
Reload Timer 3
35
23
370H
000FFF70H
35
Reload Timer 4
36
24
ICR10
44AH
36CH
000FFF6CH
36
Reload Timer 5
37
25
368H
000FFF68H
37
Interrupt
Interrupt num-
ber
Interrupt level *1
Interrupt vector *2
DMA
Resource
number
Deci-
mal
Hexa-
deci-
mal
Setting
Register
Register
address
Offset
Default vec-
tor address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com