Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC352A110T024TP Datasheet(PDF) 4 Page - Vicor Corporation

Part # BC352A110T024TP
Description  BCM??Bus Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BC352A110T024TP Datasheet(HTML) 4 Page - Vicor Corporation

  BC352A110T024TP Datasheet HTML 1Page - Vicor Corporation BC352A110T024TP Datasheet HTML 2Page - Vicor Corporation BC352A110T024TP Datasheet HTML 3Page - Vicor Corporation BC352A110T024TP Datasheet HTML 4Page - Vicor Corporation BC352A110T024TP Datasheet HTML 5Page - Vicor Corporation BC352A110T024TP Datasheet HTML 6Page - Vicor Corporation BC352A110T024TP Datasheet HTML 7Page - Vicor Corporation BC352A110T024TP Datasheet HTML 8Page - Vicor Corporation BC352A110T024TP Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Bus Converter Module
BC352A110T024FP
vicorpower.com
Rev. 1.0
Page 4 of 11
Parameter
Min
Typ
Max
Unit
Note
Output voltage
10.3
11.4
Vdc
No load
9.99
11.1
Vdc
Full load
Output power
0
240
W
330 - 365 VIN
Rated DC current
0
24.1
Adc
POUT ≤ 240 W
Peak repetitive power
360
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
See Parallel Operation on Page 8
Efficiency
Half load
94.5
95.6
%
See Figure 5
Full load
94.7
95.8
%
See Figure 5
Internal output inductance
1.1
nH
Internal output capacitance
31
µF
Effective value
Load capacitance
1,000
µF
Output overvoltage setpoint
11.6
Vdc
Output ripple voltage
No external bypass
240
300
mVp-p
See Figures 7 and 9
10 µF bypass capacitor
14
mVp-p
See Figure 8
Short circuit protection set point
30.0
Adc
Module will shut down
Average short circuit current
0.12
A
Effective switching frequency
3.3
3.5
3.7
MHz
Fixed, 1.8 MHz per phase
Line regulation
K
0.0309
1/32
0.0316
VOUT = K•VIN at no load
Load regulation
ROUT
11.0
15.0
mΩ
Transient response
Voltage overshoot
46
mV
100% load step; See Figures 10 and 11
Response time
200
ns
See Figures 10 and 11
Recovery time
1
µs
See Figures 10 and 11
Output overshoot
Input turn-on
0
mV
No output filter; See Figure 3
PC enable
0
mV
No output filter; See Figure 2
Output turn-on delay
From application of power
800
ms
No output filter; See Figure 3
From release of PC pin
250
ms
No output filter
Output Specifications (Conditions are at 352 Vin, full load, and 25°C ambient unless otherwise specified)
SPECIFICATIONS (CONT.)
Efficiency vs. Output Power
80
82
84
86
88
90
92
94
96
98
100
0
24
48
72
96
120
144
168
192
216
240
Output Power (W)
Figure 5 — Efficiency vs. output power
Power Dissipation
3
4
5
6
7
8
9
10
11
12
13
0
24
48
72
96
120
144
168
192
216
240
Output Power (W)
Figure 6 — Power dissipation as a function of output power
OUTPUT WAVEFORMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com