Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIV0104THJ Datasheet(PDF) 2 Page - Vicor Corporation

Part # VIV0104THJ
Description  DC to DC Voltage Transformation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VIV0104THJ Datasheet(HTML) 2 Page - Vicor Corporation

  VIV0104THJ Datasheet HTML 1Page - Vicor Corporation VIV0104THJ Datasheet HTML 2Page - Vicor Corporation VIV0104THJ Datasheet HTML 3Page - Vicor Corporation VIV0104THJ Datasheet HTML 4Page - Vicor Corporation VIV0104THJ Datasheet HTML 5Page - Vicor Corporation VIV0104THJ Datasheet HTML 6Page - Vicor Corporation VIV0104THJ Datasheet HTML 7Page - Vicor Corporation VIV0104THJ Datasheet HTML 8Page - Vicor Corporation VIV0104THJ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VIV0104THJ
Rev. 1.3
9/2009
Page 2 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
ABSOLUTE MAXIMUM RATINGS
+IN to –IN . . . . . . . . . . . . . . . . . . . . . . . . . -1.0 Vdc – +60 Vdc
PC to –IN . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 Vdc – +20 Vdc
TM to –IN . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 Vdc – +7.0 Vdc
+IN/-IN to +OUT/-OUT . . . . . . . . . . . . . . . . . . . 2250 V (Hi Pot)
+IN/-IN to +OUT/-OUT . . . . . . . . . . . . . . . . . . . . 60 V (working)
+OUT to –OUT . . . . . . . . . . . . . . . . . . . . . . -1.0 Vdc - +10 Vdc
Temperature during reflow . . . . . . . . . . . . . . . . . 225°C (MSL5)
PACKAGE ORDERING INFORMATION
PART NUMBER
DESCRIPTION
VIV0104THJ
-40°C – 125°C TJ, J lead
VIV0104MHJ
-55°C – 125°C TJ, J lead
CONTROL PIN SPECIFICATIONS
See section 5.0 for further application details and guidelines
.
PC (V•I Chip VTM Primary Control)
The PC pin can enable and disable the VTM. When held below
2.0 V the VTM will be disabled. When allowed to float with an
impedance to –IN of greater than 60 k
Ω the module will start.
The PC pin is capable of being driven high either by an external
logic signal or internal pull up to 5 V (operating).
TM (V•I Chip VTM Temperature Monitor)
The TM pin monitors the internal temperature of the VTM
within an accuracy of ±5 °C. It has a room temperature
setpoint of ~3.0 V and an approximate gain of 10 mV/°C. It
can source up to 100 µA and may also be used as a “Power
Good” flag to verify that the VTM is operating.
IM (V•I Chip Current Monitor)
The IM pin provides a DC analog voltage proportional to the
output current of the VTM. This voltage varies between 0.5
and 2.4 V and represents VTM output current within 25% of
the actual value under all operating line temperature conditions
between 50% and 100% load.
VC (VTM Control)
In typical applications the VC pin of the VTM is tied to the VC
pin of the PRMTM Regulator. In these applications the PRM
provides a temporary VC voltage during startup synchronizing
the output rise of the two devices. In addition, the VC port
provides feedback to the PRM on its output resistance through
an internal resistor.
For applications which do not use a PRM, a voltage between 12 V
and 17 V must be applied to VC in order to enable the VTM.
PC
VC
TM
IM
Bottom View
4
3
2
1
+Out
-Out
+In
-In
A
B
C
D
J
K
L
M
E
F
G
H
Signal
Name
Designation
+In
A1-B1, A2-B2
–In
L1-M1, L2-M2
IM
E1
TM
F2
VC
G1
PC
H2
+Out
A3-D3, A4-D4
–Out
J3-M3, J4-M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com