Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3987 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3987
Description  300mA,Ultra-LowNoise Ultra-fast CMOS LDO Regrlator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3987 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3987 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3987 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP3987
LP3987-datasheet
Oct.-2003
2-2
Functional Pin Description
Pin Name
Pin Function
EN
Chip Enable (Active High). Note that this pin is high impedance. There should be a pull
low 100kΩ resistor connected to GND when the control signal is floating.
BP
Reference Noise Bypass
GND
Ground
VOUT
Output Voltage
VIN
Power Input Voltage
Function Block Diagram
Absolute Maximum Ratings
Supply Input Voltage-----------------------------------------------------------------------------------------------------------6V
Power Dissipation, PD @ TA = 25°C
SOT-23-5 --------------------------------------------------------------------------------------------------------------------400mW
Package Thermal Resistance
SOT-23-5, θJA -------------------------------------------------------------------------------------------------------------250°C/W
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------------260°C
Storage Temperature Range --------------------------------------------------------------------------------−65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) ---------------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)-----------------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
Supply Input Voltage-----------------------------------------------------------------------------------------------2.5V to 5.5V
EN Input Voltage ------------------------------------------------------------------------------------------------------0V to 5.5V
Operation Junction Temperature Range --------------------------------------------------------------−40°C to 125°C
Operation Ambient Temperature Range-----------------------------------------------------------------−40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com