Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-BI/P Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3302-BI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-BI/P Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3302-BI/P Datasheet HTML 12Page - Microchip Technology MCP3302-BI/P Datasheet HTML 13Page - Microchip Technology MCP3302-BI/P Datasheet HTML 14Page - Microchip Technology MCP3302-BI/P Datasheet HTML 15Page - Microchip Technology MCP3302-BI/P Datasheet HTML 16Page - Microchip Technology MCP3302-BI/P Datasheet HTML 17Page - Microchip Technology MCP3302-BI/P Datasheet HTML 18Page - Microchip Technology MCP3302-BI/P Datasheet HTML 19Page - Microchip Technology MCP3302-BI/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
MCP3302/04
DS21697E-page 16
© 2008 Microchip Technology Inc.
3.7
Analog Ground (AGND)
Ground connection to internal analog circuitry. To
ensure accuracy, this pin must be connected to the
same ground as DGND. If an analog ground plane is
available, it is recommended that this device be tied to
the analog ground plane in the circuit. See Section 5.6
“Layout
Considerations”
for more information
regarding circuit layout.
3.8
Voltage Reference (VREF)
This input pin provides the reference voltage for the
device, which determines the maximum range of the
analog input signal and the LSB size.
The LSB size is determined according to the equation
shown below. As the reference input is reduced, the
LSB size is reduced accordingly.
EQUATION 3-1:
When using an external voltage reference device, the
system
designer
should
always
refer
to
the
manufacturer’s recommendations for circuit layout.
Any instability in the operation of the reference device
will have a direct effect on the accuracy of the ADC
conversion results.
3.9
Power Supply (VDD)
The voltage on this pin can range from 2.7 to 5.5V. To
ensure accuracy, a 0.1 µF ceramic bypass capacitor
should be placed as close as possible to the pin. See
Section 5.6
“Layout
Considerations”
for more
information regarding circuit layout.
LSB Size =
2 x VREF
8192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com