Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3302-CI/P Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP3302-CI/P
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3302-CI/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP3302-CI/P Datasheet HTML 15Page - Microchip Technology MCP3302-CI/P Datasheet HTML 16Page - Microchip Technology MCP3302-CI/P Datasheet HTML 17Page - Microchip Technology MCP3302-CI/P Datasheet HTML 18Page - Microchip Technology MCP3302-CI/P Datasheet HTML 19Page - Microchip Technology MCP3302-CI/P Datasheet HTML 20Page - Microchip Technology MCP3302-CI/P Datasheet HTML 21Page - Microchip Technology MCP3302-CI/P Datasheet HTML 22Page - Microchip Technology MCP3302-CI/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
© 2008 Microchip Technology Inc.
DS21697E-page 19
MCP3302/04
5.0
APPLICATIONS INFORMATION
5.1
Conversion Description
The
MCP3302/04
A/D
converters
employ
a
conventional SAR architecture. With this architecture,
the potential between the IN+ and IN- inputs are
simultaneously sampled and stored with the internal
sample circuits for 1.5 clock cycles. Following this
sampling time, the input hold switches of the converter
open and the device uses the collected charge to
produce a serial 13-bit binary two’s complement output
code. This conversion process is driven by the external
clock and must include 13 clock cycles, one for each
bit. During this process, the most significant bit (MSB)
is output first. This bit is the sign bit and indicates if the
IN+ or IN- input is at a higher potential.
FIGURE 5-1:
Simplified Block Diagram.
5.2
Driving the Analog Input
The analog input of the MCP3302/04 is easily driven,
either differentially or single ended. Any signal that is
common to the two input channels will be rejected by
the common mode rejection of the device. During the
charging time of the sample capacitor, a small charging
current will be required. For low-source impedances,
this input can be driven directly. For larger source
impedances, a larger acquisition time will be required
due to the RC time constant that includes the source
impedance.
For
the
A/D
Converter
to
meet
specification, the charge holding capacitor (CSAMPLE)
must be given enough time to acquire a 13-bit accurate
voltage level during the 1.5 clock cycle acquisition
period.
An analog input model is shown in Figure 5-3. This
model is accurate for an analog input, regardless if it is
configured as a single ended input, or the IN+ and IN-
input in differential mode. In this diagram, it is shown
that the source impedance (RS) adds to the internal
sampling switch (RSS) impedance, directly affecting the
time that is required to charge the capacitor (CSAMPLE).
Consequently, a larger source impedance with no
additional acquisition time increases the offset, gain
and integral linearity errors of the conversion. To
overcome this, a slower clock speed can be used to
allow for the longer charging time. Figure 5-2 shows
the maximum clock speed associated with source
impedances.
FIGURE 5-2:
Maximum Clock Frequency
vs. Source Resistance (RS) to maintain ±1 LSB
INL.
Comp
13-Bit SAR
CDAC
IN+
IN-
Shift
Register
CSAMP
Hold
+
-
Hold
CSAMP
DOUT
0.0
0.5
1.0
1.5
2.0
2.5
100
1000
10000
100000
Source Resistance (ohms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com