Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3808 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3808
Description  High-precision Low Voltage Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3808 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3808 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3808 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Datasheet
LP3808
LP3808 – 00 Ver. 1.0 Datasheet
Dec.-2006
Page 2 of 5
Block diagram
Nch Output Open Drain
CMOS Output Type
Absolute Maximum Ratings
Input Voltage range ----------------------------------------------------------------------------------- -0.3V~12V
Output Voltage range --------------------------------------------------------------------------------- -0.3V~12V
Maximum Output current----------------------------------------------------------------------------- 70mA
Maximum power dissipation------------------------------------------------------------------------- 150mW
Ambient temperature---------------------------------------------------------------------------------- -40~+70 C
Storage temperature ---------------------------------------------------------------------------------- -40~125 C
Lead temperature and time-------------------------------------------------------------------------- 260 C,10S
Electrical Characteristics
(LP3808-27B3F,T=25°C, Unless otherwise specified.)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
2.646
2.7
2.754
V
VHYS
Detector Threshold Hysteresis
0.054
0.108
0.162
V
ISS
Current consumption
0.5
1
uA
VDDH
Maximum operating
voltage
10
V
VDDL
Minimum Operating
voltage
0.5
V
Nch
VDS=0.05V
VDD=0.70V
0.01
0.05
mA
IOUT
Output current
Pch
VDS=-2.1V
VDD=4.50V
1.0
2.0
mA
TPLH
Output Delay Time
20
uS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com