Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4062 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP4062
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP4062 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 4 of 13
Electrical Characteristics
(
Over 0C ≤TJ ≤125°C and recommended supply voltage)
LP4062
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VCC
Input Supply Voltage
4.35
12
V
ICC
Input Supply Current
Charge Mode (Note 4),RPROG = 10k
Standby Mode (Charge Terminated)
Shutdown Mode (RPROG Not
Connected,
VCC < VBAT, or VCC < VUV)
350
200
25
2000
500
50
µA
VFLOAT
Regulated Output (Float) Voltage
0℃ ≤ TA ≤ 85℃, IBAT = 40mA
4.158
4.2
4.242
V
IBAT
BAT Pin Current
RPROG = 10k, Current Mode
RPROG = 2k, Current Mode
Standby Mode, VBAT = 4.2V
Shutdown Mode (RPROG Not
Connected)
Sleep Mode, VCC = 0V
100
475
0
110
510
-2.5
±
1
±
1
120
545
-6
±
2
±
2
mA
mA
µA
µA
µA
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 2k (Note 5)
20
50
70
mA
VTRIKL
Trickle Charge Threshold Voltage
RPROG = 10k, VBAT Rising (Note 5)
2.8
2.9
3.0
V
VTRHYS
Trickle Charge Hysteresis Voltage
RPROG = 10k (Note 5)
60
80
110
mV
VUV
VCC
Undervoltage
Lockout
Threshold
From VCC Low to High
3.55
3.7
3.85
V
VUVHYS
VCC
Undervoltage
Lockout
Hysteresis
150
200
300
mV
VMSD
Manual
Shutdown
Threshold
Voltage
PROG Pin Rising
1.85
1.94
2.05
V
VASD
VCC – VBAT Lockout Threshold
Voltage
VCC from Low to High
VCC from High to Low
70
5
100
30
140
50
mV
ITERM
C/10
Termination
Current
Threshold
RPROG = 10k (Note 6)
RPROG = 2k
0.085
0.085
0.10
0.10
0.115
0.115
mA/
mA
VPROG
PROG Pin Voltage
RPROG = 10k, Current Mode
0.96
1.03
1.10
V
ICHRG
CHRG Pin Weak Pull-Down
Current
VCHRG = 5V
7
12
20
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
0.35
0.6
V
Δ
VRECHRG
Recharge
Battery
Threshold
Voltage
VFLOAT-VRECHRG
100
150
200
mV
TLIM
Junction Temperature in Constant
Temperature Mode
120
℃
RON
Power FET “ON” Resistance
(Between VCC and BAT)
600
mΩ
tSS
Soft-Start Time
IBAT = 0 to IBAT =1000V/RPROG
100
µs
tRECHAR
GE
Recharge Comparator Filter Time
VBAT High to Low
0.75
2
4.5
ms
tTERM
Termination
Comparator
Filter
Time
IBAT Falling Below ICHG/10
400
100
0
2500
µs
IPROG
PROG Pin Pull-Up Current
3
µA
Note 1: Absolute Maximum Ratings are those values beyond which the life of the device may be impaired.
Note 2: The LP4062 are guaranteed to meet performance specifications from 0℃ to 70℃.
Specifications over the -40℃ to 85℃ operating temperature range are assured by design,
characterization and correlation with statistical process controls.
Note 3: See Thermal Considerations.
Note 4: Supply current includes PROG pin current (approximately 100µA) but does not include any current
delivered to the battery through the BAT pin (approximately 100mA).
Note 5: This parameter is not applicable to the LP4062.
Note 6: ITERM is expressed as a fraction of measured full charge current with indicated PROG resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com