Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4062-B5F Datasheet(PDF) 12 Page - Lowpower Semiconductor inc

Part # LP4062-B5F
Description  600mA Standalone Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4062-B5F Datasheet(HTML) 12 Page - Lowpower Semiconductor inc

Back Button LP4062-B5F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 8Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 9Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 10Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 11Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 12Page - Lowpower Semiconductor inc LP4062-B5F Datasheet HTML 13Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Preliminary
Datasheet
LP4062
LP4062 –00
Ver. 1.0 Datasheet
Nov.-2007
Page 12 of 13
USB and Wall Adapter Power
The LP4062 allows charging from both a wall adapter and a
USB port. Figure 12 shows an example of how to combine
wall adapter and USB power inputs. A P-channel MOSFET,
MP1,is used to prevent back conducting into the USB port
when a wall adapter is present and a Schottky diode, D1, is
used to prevent USB power loss through the 1k pull-down
resistor. Typically a wall adapter can supply more current than
the 500mA-limited USB port. Therefore, an N-channel
MOSFET, MN1, and extra 10k program resistor are used to
increase the charge current to 800mA when the wall adapter is
present.
Layout Considerations
Follow the PCB layout guidelines for optimal performance of LP4062.
For the main current paths as indicated in bold lines, keep their traces short and wide.
Put the input capacitor as close as possible to the device pins (VIN and GND).
Connect all analog grounds to a command node and then connect the command node to the power
ground behind the output capacitors.
Output not connect loading when charging
LP4062



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com