Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2203 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP2203
Description  200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2203 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP2203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2203 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP2203
LP2203 – 01 Ver. 1.1 Datasheet
Feb.-2008
Page 2 of 8
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
EN2
Chip Enable2 (Active High)
2
VIN
Supply Input
3
EN1
Chip Enable1 (Active High)
4
GND
Common Ground
5
VOUT1
Channel 1 Output Voltage
6
VOUT2
Channel2 Output Voltage
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com