Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575-3.3 Datasheet(PDF) 22 Page - Motorola, Inc

Part # LM2575-3.3
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575-3.3 Datasheet(HTML) 22 Page - Motorola, Inc

Back Button LM2575-3.3 Datasheet HTML 18Page - Motorola, Inc LM2575-3.3 Datasheet HTML 19Page - Motorola, Inc LM2575-3.3 Datasheet HTML 20Page - Motorola, Inc LM2575-3.3 Datasheet HTML 21Page - Motorola, Inc LM2575-3.3 Datasheet HTML 22Page - Motorola, Inc LM2575-3.3 Datasheet HTML 23Page - Motorola, Inc LM2575-3.3 Datasheet HTML 24Page - Motorola, Inc LM2575-3.3 Datasheet HTML 25Page - Motorola, Inc LM2575-3.3 Datasheet HTML 26Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LM2575
22
MOTOROLA ANALOG IC DEVICE DATA
THE LM2575–5.0 STEP–DOWN VOLTAGE REGULATOR WITH 5.0 V @ 1.0 A OUTPUT POWER CAPABILITY.
TYPICAL APPLICATION WITH THROUGH–HOLE PC BOARD LAYOUT
DC–DC Converter
Figure 35. Schematic Diagram of the LM2575–5.0 Step–Down Converter
Figure 36. Printed Circuit Board
Component Side
Figure 37. Printed Circuit Board
Copper Side
D1
1N5819
L1
330
µH
Output
2
4
Feedback
Unregulated
DC Input
+Vin = +7.0 V to +40 V
Cout
330
µF
/16 V
C1
100
µF
/50 V
LM2575–5.0
1
5
3ON/OFF
Gnd
+Vin
J1
Regulated Output
+Vout1 = 5.0 V @ 1.0 A
Gndin
Gndout
C1
–
100
µF, 50 V, Aluminium Electrolytic
C2
–
330
µF, 16 V, Aluminium Electrolytic
D1
–
1.0 A, 40 V, Schottky Rectifier, 1N5819
L1
–
330
µH, Tech 39: 77 458 BV, Toroid Core, Through–Hole, Pin 3 = Start, Pin 7 = Finish
NOTE:
Not to scale.
NOTE:
Not to scale.
+Vout1
+Vin
Gndin
Gndout
C1
L1
C2
D1
J1
U1 LM2575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com