Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM285 Datasheet(PDF) 2 Page - Motorola, Inc

Part # LM285
Description  MICROPOWER VOLTAGE REFERENCE DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM285 Datasheet(HTML) 2 Page - Motorola, Inc

  LM285 Datasheet HTML 1Page - Motorola, Inc LM285 Datasheet HTML 2Page - Motorola, Inc LM285 Datasheet HTML 3Page - Motorola, Inc LM285 Datasheet HTML 4Page - Motorola, Inc LM285 Datasheet HTML 5Page - Motorola, Inc LM285 Datasheet HTML 6Page - Motorola, Inc LM285 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM285 LM385, B
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Ambient Temperature Range
TA
°C
LM285
LM385
– 40 to + 85
0 to +70
Operating Junction Temperature
TJ
+ 150
°C
Storage Temperature Range
Tstg
– 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
LM285–1.2
LM385–1.2/LM385B–1.2
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IRmin p IR p 20 mA)
V(BR)R
V
LM285–1.2/LM385B–1.2
1.223
1.235
1.247
1.223
1.235
1.247
TA = Tlow to Thigh (Note 1)
1.200
–
1.270
1.210
–
1.260
LM385–1.2
–
–
–
1.205
1.235
1.260
TA = Tlow to Thigh (Note 1)
–
–
–
1.192
–
1.273
Minimum Operating Current
IRmin
µA
TA = 25°C
–
8.0
10
–
8.0
15
TA = Tlow to Thigh (Note 1)
–
–
20
–
–
20
Reverse Breakdown Voltage Change with Current
∆V(BR)R
mV
IRmin p IR p 1.0 mA, TA = +25°C
–
–
1.0
–
–
1.0
TA = Tlow to Thigh (Note 1)
–
–
1.5
–
–
1.5
1.0 mA
p IR p 20 mA, TA = +25°C
–
–
10
–
–
20
TA = Tlow to Thigh (Note 1)
–
–
20
–
–
25
Reverse Dynamic Impedance
Z
0.6
–
–
0.6
–
W
IR = 100 µA, TA = +25°C
Average Temperature Coefficient
∆V(BR)/∆T
–
80
–
–
80
–
ppm/
°C
10
µA p IR p 20 mA, TA = Tlow to Thigh (Note 1)
Wideband Noise (RMS)
n
–
60
–
–
60
–
µV
IR = 100 µA, 10 Hz p f p 10 kHz
Long Term Stability
S
–
20
–
–
20
–
ppm/
IR = 100 µA, TA = +25°C ± 0.1°C
kHR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com