Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L71 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6L71
Description  2 MHz, 150 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L71 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6L71 Datasheet HTML 9Page - Microchip Technology MCP6L71 Datasheet HTML 10Page - Microchip Technology MCP6L71 Datasheet HTML 11Page - Microchip Technology MCP6L71 Datasheet HTML 12Page - Microchip Technology MCP6L71 Datasheet HTML 13Page - Microchip Technology MCP6L71 Datasheet HTML 14Page - Microchip Technology MCP6L71 Datasheet HTML 15Page - Microchip Technology MCP6L71 Datasheet HTML 16Page - Microchip Technology MCP6L71 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22145A-page 13
MCP6L71/1R/2/4
4.0
APPLICATION INFORMATION
The
MCP6L71/1R/2/4
family
of
op
amps
is
manufactured using Microchip’s state of the art CMOS
process, specifically designed for low cost, low power
and general purpose applications. The low supply
voltage, low quiescent current and wide bandwidth
make the MCP6L71/1R/2/4 ideal for battery powered
applications.
4.1
Rail-to-Rail Inputs
4.1.1
PHASE REVERSAL
The MCP6L71/1R/2/4 op amps are designed to pre-
vent phase inversion when the input pins exceed the
supply voltages. Figure 2-10 shows an input voltage
exceeding both supplies without any phase reversal.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
In order to prevent damage and/or improper operation
of these amplifiers, the circuit they are in must limit the
currents (and voltages) at the input pins (see
Section 1.1
“Absolute
Maximum
Ratings
†”).
Figure 4-1 shows the recommended approach to pro-
tecting these inputs. The internal ESD diodes prevent
the input pins (VIN+ and VIN–) from going too far below
ground, and the resistors R1 and R2 limit the possible
current drawn out of the input pins. Diodes D1 and D2
prevent the input pins (VIN+ and VIN–) from going too
far above VDD, and dump any currents onto VDD.
FIGURE 4-1:
Protecting the Analog
Inputs.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common
mode voltage (VCM) is below ground (VSS); see
Figure 2-7. Applications that are high impedance may
need to limit the usable voltage range.
4.1.3
NORMAL OPERATIONS
The input stage of the MCP6L71/1R/2/4 op amps uses
two differential CMOS input stages in parallel. One
operates at low common mode input voltage (VCM),
while the other at high VCM. With this topology, and at
room temperature, the device operates with VCM up to
0.3V above VDD and 0.3V below VSS (typically at
+25°C).
The transition between the two input stage occurs
when VCM = VDD – 1.1V. For the best distortion and
gain linearity, with non-inverting gains, avoid this region
of operation.
4.2
Rail-to-Rail Output
The output voltage range of the MCP6L71/1R/2/4 op
amps is VDD – 20 mV (minimum) and VSS +20mV
(maximum) when RL =10kΩ is connected to VDD/2
and VDD = 5.0V. Refer to Figure 2-13 for more informa-
tion.
4.3
Capacitive Loads
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response.
When driving large capacitive loads with these op
amps (e.g., > 100 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-2) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-2:
Output Resistor, RISO
Stabilizes Large Capacitive Loads.
Bench measurements are helpful in choosing RISO.
Adjust RISO so that a small signal step response (see
Figure 2-15) has reasonable overshoot (e.g., 4%).
V1
MCP6L7X
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
VOUT
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
R3
RISO
VOUT
CL
MCP6L7X
RF
RG
RN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com