Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6231
Description  20 關A, 300 kHz Rail-to-Rail Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6231 Datasheet HTML 13Page - Microchip Technology MCP6231 Datasheet HTML 14Page - Microchip Technology MCP6231 Datasheet HTML 15Page - Microchip Technology MCP6231 Datasheet HTML 16Page - Microchip Technology MCP6231 Datasheet HTML 17Page - Microchip Technology MCP6231 Datasheet HTML 18Page - Microchip Technology MCP6231 Datasheet HTML 19Page - Microchip Technology MCP6231 Datasheet HTML 20Page - Microchip Technology MCP6231 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
© 2009 Microchip Technology Inc.
DS21881E-page 17
MCP6231/1R/1U/2/4
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
5-Lead SC70
(MCP6231U Only)
Example:
1
23
5
4
5-Lead SOT-23
Example:
XXNN
1
23
5
4
BJ25
Device
Code
MCP6231
BJNN
MCP6231R
BKNN
MCP6231UBLNN
Note:
Applies to 5-Lead SOT-23.
8-Lead MSOP
Example
:
XXXXXX
YWWNNN
6232E
929256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XXNN
AS25
8-Lead DFN (2 x 3) (
MCP6231)
Example:
8-Lead TDFN (2 x 3) (
MCP6232)
Example:
XXX
YWW
NNN
AER
929
256
XXX
YWW
NNN
AAE
929
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com