Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

340WECAS Datasheet(PDF) 3 Page - American Accurate Components, Inc.

Part # 340WECAS
Description  Waveguide to Coaxial Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

340WECAS Datasheet(HTML) 3 Page - American Accurate Components, Inc.

  340WECAS Datasheet HTML 1Page - American Accurate Components, Inc. 340WECAS Datasheet HTML 2Page - American Accurate Components, Inc. 340WECAS Datasheet HTML 3Page - American Accurate Components, Inc. 340WECAS Datasheet HTML 4Page - American Accurate Components, Inc. 340WECAS Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
3
American Accurate Components, Inc.
Endlaunch W/G to Coaxial Adapter
P/N
Frequency
Range
(GHz)
Waveguide
VSWR
Flange
Connector
Material
51WECAS
15.0-22.0
WR51
1.25
FBP180/FBM180/FBE180
SMA-F
Al/Cu
51WECAK
15.0-22.0
WR51
1.25
FBP180/FBM180/FBE180
2.92K-F
Al/Cu
42WECAS
18.0-26.5
WR42
1.50
FBP220/FBM220/FBE220
SMA-F
Al/Cu
42WECAK
18.0-26.5
WR42
1.50
FBP220/FBM220/FBE220
2.92K -F
Al/Cu
34WECAS
22.0-33.0
WR34
1.50
FBP260/FBM260/FBE260
SMA-F
Al/Cu
34WECAK
22.0-33.0
WR34
1.50
FBP260/FBM260/FBE260
2.92K -F
Al/Cu
28WECAK
26.5-40.0
WR28
1.50
FBP320/FBM320/FBE320
2.92K-F
Al/Cu
22WECA2.4
33.0-50.0
WR22
2.00
FUGP400
2.4mm-F
Cu
19WECAV
40.0-60.0
WR19
2.00
FUGP500
1.85mm-F
Cu
AAC manufactures wide variety of endlaunch
waveguide to coaxial adapter assemblies specially
designed for every customers unique requirements.
Endlaunch Waveguide to Coaxial Adapter can be
assembled with many types of flange. We also offer
many other special configurations, length and hole
size to meet special requirements.
Ordering Information
P/N:
187 WECAN
WR
Product
Size
Code
Example: 187WECAN is a WR187 endlaunch waveguide
to coaxial adapter(N type Female connector).
Note:
1. Customization is available;
2. For detailed information of each endlaunch waveguide to coaxial adapter, please visit the website:
www.aacix.com.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com