Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

284WECAS Datasheet(PDF) 5 Page - American Accurate Components, Inc.

Part # 284WECAS
Description  Waveguide to Coaxial Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

284WECAS Datasheet(HTML) 5 Page - American Accurate Components, Inc.

  284WECAS Datasheet HTML 1Page - American Accurate Components, Inc. 284WECAS Datasheet HTML 2Page - American Accurate Components, Inc. 284WECAS Datasheet HTML 3Page - American Accurate Components, Inc. 284WECAS Datasheet HTML 4Page - American Accurate Components, Inc. 284WECAS Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
5
American Accurate Components, Inc.
High Power Double Ridge W/G to Coaxial Adapter
High Power Double Ridge Waveguide to Coaxial Adapter
Standard Models
P/N
Frequency
Range
(GHz)
Waveguide
VSWR
Connector
Average Power
(W)
250DRWHPCAN
2.6-7.8
WRD250D30
1.50
N-F
10-300
350DRWHPCAN
3.5-8.2
WRD350D24
1.50
N-F
10-300
475DRWHPCAN
4.75-11.0
WRD475D24
1.50
N-F
10-300
500DRWHPCAS
5.0-18.0
WRD500D36
1.50
SMA-F
10-100
580DRWHPCAS
5.8-16.0
WRD580D28
1.50
SMA-F
10-100
650DRWHPCAS
6.5-18.0
WRD650D28
1.50
SMA-F
10-100
750DRWHPCAS
7.5-18.0
WRD750D24
1.60
SMA-F
10-100
700DRWHPCAS
7.0-18.5
WRD700D26
1.80
SMA-F
10-100
1100DRWHPCAK
11.0-26.5
WRD1100C24
1.80
2.92K-F
10-30
1800DRWHPCAK
18.0-40.0
WRD1800C24
2.0
2.92K-F
10-30
Ordering Information
P/N:
350
DRWHPCAN
WR Size
Product
Code
Example: 350DRWHPCAN is a WRD350D24 high power
double ridge waveguide to coaxial adapter (N type
Female connector).
AAC manufactures wide variety of high power
double ridge waveguide to coaxial adapter assemblies
specially designed for every customer’s unique
requirements.
High Power Double Ridge Waveguide to Coaxial
Adapter can be assembled with many types of flange.
We also offer many other special configurations,
length and hole size to meet special requirements.
Note:
1. Customization is available;
2. For detailed information of each high power double ridge waveguide to coaxial adapter, please visit the
website: www.aacix.com.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com