Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

229WECAS Datasheet(PDF) 4 Page - American Accurate Components, Inc.

Part # 229WECAS
Description  Waveguide to Coaxial Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

229WECAS Datasheet(HTML) 4 Page - American Accurate Components, Inc.

  229WECAS Datasheet HTML 1Page - American Accurate Components, Inc. 229WECAS Datasheet HTML 2Page - American Accurate Components, Inc. 229WECAS Datasheet HTML 3Page - American Accurate Components, Inc. 229WECAS Datasheet HTML 4Page - American Accurate Components, Inc. 229WECAS Datasheet HTML 5Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Waveguide to Coaxial Adapter
The content of this specification may change without notification 7/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
4
American Accurate Components, Inc.
Double Ridge W/G to Coaxial Adapter
Double Ridge Waveguide to Coaxial Adapter
Standard Models
P/N
Frequency Range
(GHz)
Waveguide
VSWR
Connector
250DRWCAN
2.6-7.8
WRD250D30
1.50
N-F
350DRWCAN
3.5-8.2
WRD350D24
1.50
N-F
475DRWCAN
4.75-11.0
WRD475D24
1.50
N-F
500DRWCAS
5.0-18.0
WRD500D36
1.50
SMA-F
580DRWCAS
5.8-16.0
WRD580D28
1.50
SMA-F
650DRWCAS
6.5-18.0
WRD650D28
1.50
SMA-F
750DRWCAS
7.5-18.0
WRD750D24
1.60
SMA-F
700DRWCAS
7.0-18.5
WRD700D26
1.60
SMA-F
1100DRWCAK
11.0-26.5
WRD1100C24
1.80
2.92K-F
1800DRWCAK
18.0-40.0
WRD1800C24
1.80
2.92K-F
AAC manufactures wide variety of double ridge
waveguide to coaxial adapter assemblies specially
designed
for
every
customers
unique
requirements.
Double Ridge Waveguide to Coaxial Adapter can
be assembled with many types of flange. We also
offer many other special configurations, length and
hole size to meet special requirements.
Ordering Information
P/N:
250 DRWCAN
WR
Product
Size
Code
Example: 250DRWCAN is a WRD250D30 double ridge
waveguide to coaxial adapter(N type Female connector).
Note:
1. Customization is available;
2. For detailed information of each double ridge waveguide to coaxial adapter, please visit the website:
www.aacix.com.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com