Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73861 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73861
Description  Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73861 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73861 Datasheet HTML 17Page - Microchip Technology MCP73861 Datasheet HTML 18Page - Microchip Technology MCP73861 Datasheet HTML 19Page - Microchip Technology MCP73861 Datasheet HTML 20Page - Microchip Technology MCP73861 Datasheet HTML 21Page - Microchip Technology MCP73861 Datasheet HTML 22Page - Microchip Technology MCP73861 Datasheet HTML 23Page - Microchip Technology MCP73861 Datasheet HTML 24Page - Microchip Technology MCP73861 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2008 Microchip Technology Inc.
DS21893D-page 21
MCP73861/2/3/4
Power dissipation with a 5V, ±10% input voltage source
is:
With the battery charger mounted on a 1 in2 pad of
1 oz. copper, the junction temperature rise is 60°C,
approximately. This would allow for a maximum
operating ambient temperature of 50°C before thermal
regulation is entered.
6.1.1.3
External Capacitors
The MCP7386X is stable with or without a battery load.
In order to maintain good AC stability in the Constant-
voltage mode, a minimum capacitance of 4.7 µF is
recommended to bypass the VBAT pin to VSS. This
capacitance provides compensation when there is no
battery
load.
In
addition,
the
battery
and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant-voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
Virtually any good quality output filter capacitor can be
used, independent of the capacitor’s minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 4.7 µF ceramic,
tantalum or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability for up to a
1A output current.
6.1.1.4
Reverse-Blocking Protection
The MCP7386X provides protection from a faulted or
shorted input, or from a reversed-polarity input source.
Without the protection, a faulted or shorted input would
discharge the battery pack through the body diode of
the internal pass transistor.
6.1.1.5
Enable Interface
In the stand-alone configuration, the enable pin is
generally tied to the input voltage. The MCP7386X
automatically enters a Low-power mode when voltage
on the VDD input falls below the UVLO voltage (VSTOP),
reducing the battery drain current to 0.23 µA, typically.
6.1.1.6
Charge Status Interface
Two status outputs provide information on the state of
charge. The current-limited, open-drain outputs can be
used to illuminate external LEDs. Refer to Table 5-1 for
a summary of the state of the status outputs during a
charge cycle.
6.2
PCB Layout Issues
For optimum voltage regulation, place the battery pack
as close as possible to the device’s VBAT and VSS pins,
recommended to minimize voltage drops along the
high current-carrying PCB traces.
If the PCB layout is used as a heatsink, adding many
vias in the heatsink pad can help conduct more heat to
the backplane of the PCB, thus reducing the maximum
junction temperature.
PowerDissipation
5.5V
2.7V
–
() 575mA
×
1.61W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com