Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98242 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP98242
Description  Memory Module Temperature Sensor w/EEPROM for SPD
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98242 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP98242 Datasheet HTML 17Page - Microchip Technology MCP98242 Datasheet HTML 18Page - Microchip Technology MCP98242 Datasheet HTML 19Page - Microchip Technology MCP98242 Datasheet HTML 20Page - Microchip Technology MCP98242 Datasheet HTML 21Page - Microchip Technology MCP98242 Datasheet HTML 22Page - Microchip Technology MCP98242 Datasheet HTML 23Page - Microchip Technology MCP98242 Datasheet HTML 24Page - Microchip Technology MCP98242 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
© 2009 Microchip Technology Inc.
DS21996C-page 21
MCP98242
5.1.3
UPPER/LOWER/CRITICAL
TEMPERATURE LIMIT REGISTERS
(TUPPER/TLOWER/TCRIT)
The MCP98242 has a 16-bit read/write Event output
Temperature Upper-Boundary Trip register (TUPPER), a
16-bit Lower-Boundary Trip register (TLOWER) and a
16-bit Critical Boundary Trip register (TCRIT) that
contains 11-bit data in two’s complement format
(0.25 °C). This data represents the maximum and
minimum temperature boundary or temperature
window that can be used to monitor ambient
temperature. If this feature is enabled (Section 5.1.2
“Sensor Configuration Register (CONFIG)”) and the
ambient temperature exceeds the specified boundary
or window, the MCP98242 asserts an Event output.
(Refer
to
Section 5.2.3
“Event
Output
Configuration”).
REGISTER 5-4:
UPPER/LOWER/CRITICAL TEMPERATURE LIMIT REGISTER (TUPPER/TLOWER/
TCRIT) → ADDRESS ‘0000 0010’b/‘0000 0011’b/‘0000 0100’b
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
——
—
Sign
27°C
26°C
25°C
24°C
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
23°C
22°C
21°C
20°C
2-1°C
2-2°C
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12
Sign:
0 =TA ≥ 0°C
1 =TA < 0°C
bit 11-2
TUPPER/TLOWER/TCRIT:
Temperature boundary trip data in two’s complement format.
bit 1-0
Unimplemented: Read as ‘0’
Note:
This table shows two 16-bit registers for TUPPER, TLOWER and TCRIT located at ‘0000 0010b’,
‘0000 0011b’ and ‘0000 0100b’, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com