Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73833-AMI/MF Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP73833-AMI/MF
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833-AMI/MF Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP73833-AMI/MF Datasheet HTML 14Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 15Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 16Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 17Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 18Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 19Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 20Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 21Page - Microchip Technology MCP73833-AMI/MF Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
MCP73833/4
DS22005B-page 18
© 2009 Microchip Technology Inc.
5.2.2
POWER GOOD (PG) OPTION
The power good (PG) option is a pseudo open-drain
output. The PG output can sink current, but not source
current. However, there is a diode path back to the
input, and as such, the PG output should only be pulled
up to the input. The PG output is low whenever the
input to the MCP73833 is above the UVLO threshold
and greater than the battery voltage. If the supply
voltage
is
above
the
UVLO,
but
below
VREG(Typical)+0.3V, the MCP73833 will pulse the PG
output as the device determines if a battery is present.
5.2.3
TIMER ENABLE (TE) OPTION
The timer enable (TE) input option is used to enable or
disable the internal timer. A low signal on this pin
enables the internal timer and a high signal disables
the internal timer. The TE input can be used to disable
the timer when the charger is supplying current to
charge the battery and power the system load. The TE
input is compatible with 1.8V logic.
5.2.4
DEVICE DISABLE (PROG)
The current regulation set input pin (PROG) can be
used to terminate a charge at any time during the
charge cycle, as well as to initiate a charge cycle or
initiate a recharge cycle.
Placing a programming resistor from the PROG input to
VSS enables the device. Allowing the PROG input to
float or by applying a logic-high input signal, disables
the device and terminates a charge cycle. When
disabled, the device’s supply current is reduced to
100 µA, typically.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com