Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1703 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP1703
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP1703 Datasheet HTML 15Page - Microchip Technology MCP1703 Datasheet HTML 16Page - Microchip Technology MCP1703 Datasheet HTML 17Page - Microchip Technology MCP1703 Datasheet HTML 18Page - Microchip Technology MCP1703 Datasheet HTML 19Page - Microchip Technology MCP1703 Datasheet HTML 20Page - Microchip Technology MCP1703 Datasheet HTML 21Page - Microchip Technology MCP1703 Datasheet HTML 22Page - Microchip Technology MCP1703 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22049D-page 19
MCP1703
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
3-Pin SOT-23A
XXNN
Standard Options for SOT-23A and SOT-89
Extended Temp
Symbol
Voltage *
Symbol
Voltage *
HM
1.2
HT
3.0
HP
1.5
HU
3.3
HQ
1.8
HV
4.0
HR
2.5
HW
5.0
HS
2.8
—
—
* Custom output voltages available upon request. Contact
your local Microchip sales office for more information.
Example:
HWNN
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Standard Options for SOT-223
Extended Temp
Symbol
Voltage *
Symbol
Voltage *
12
1.2303.0
15
1.5333.3
18
1.8404.0
25
2.5505.0
28
2.8
—
—
* Custom output voltages available upon request. Contact
your local Microchip sales office for more information.
3-Lead SOT-89
XXXYYWW
NNN
Example:
HM0934
256
Tab is GND
1
3
2
XXXXXXX
NNN
3-Lead SOT-223
Tab is GND
Example:
XXXYYWW
MCP1703
256
15E0934
8-Lead DFN (2 x 3)
XXX
YWW
NN
Example:
AAU
934
25
Standard Options for 8-Lead DFN (2 x 3)
Extended Temp
Symbol
Voltage *
Symbol
Voltage *
AAU
1.2
AAY
3.3
AAV
1.8
AFR
4.0
AAW
2.5
AAZ
5.0
AAT
3.0
—
—
* Custom output voltages available upon request. Contact
your local Microchip sales office for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com