Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2021-500E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP2021-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2021-500E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP2021-500E/P Datasheet HTML 5Page - Microchip Technology MCP2021-500E/P Datasheet HTML 6Page - Microchip Technology MCP2021-500E/P Datasheet HTML 7Page - Microchip Technology MCP2021-500E/P Datasheet HTML 8Page - Microchip Technology MCP2021-500E/P Datasheet HTML 9Page - Microchip Technology MCP2021-500E/P Datasheet HTML 10Page - Microchip Technology MCP2021-500E/P Datasheet HTML 11Page - Microchip Technology MCP2021-500E/P Datasheet HTML 12Page - Microchip Technology MCP2021-500E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
© 2009 Microchip Technology Inc.
DS22018E-page 9
MCP2021/2
1.5.8
FAULT/TXE
Fault Detect output and Transmitter Enable input
bidirectional pin.
This pin is an open-drain output. Its state is defined as
shown in Table 1-2. The transmitter driver is disabled
whenever this pin is low (‘0’), either from an internal
fault condition or by external drive. This allows the
transmitter to be placed in an off state and still allow the
voltage regulator to operate. Refer to Table 1-1.
The FAULT/TXE also signals a mismatch between the
TXD input and the LBUS level. This can be used to
detect a bus contention. Since the bus exhibits a
propagation delay, the sampling of the internal
compare is debounced to eliminate false faults.
This
pin
has
an
internal
pull-up
resistor
of
approximately 750 k
Ω.
The FAULT/TXE pin sampled at a rate faster than every
10 µs.
TABLE 1-2:
FAULT/TXE TRUTH TABLE
1.5.9
RESET
RESET is an open-drain output pin. This pin tracks an
internal signal that tracks the internal system voltage
has reached a valid, stable level. As long as the internal
voltage is valid, this pin will remain high (‘1’). When the
system voltage drops below the minimum required, the
voltage regulator will shut down and immediately
convert the RESET output to (‘0’). When connected to
a micro-controller input, this can provide a warning that
the voltage regulator is shutting down (see Example 1-
2). Alternately, it can act as an external brown-out by
connecting
the
RESET
output
to
MCLR
(see
Example 1-3). In addition to monitoring the internal
voltage, RESET is asserted immediately upon entering
the Powerdown mode.
Note 1: The FAULT/TXE pin is true (0) whenever
the internal circuits have detected a short
or thermal excursion and have disabled
the LBUS output driver.
2: FAULT/TXE is true (0) when VREG not OK
and has disabled the LBUS output driver.
TXD
In
RXD
Out
LINBUS
I/O
Thermal
Override
FAULT/TXE
Definition
External
Input
Driven
Output
LH
VBB
OFF
H
L
FAULT, TXD driven low, LINBUS shorted to
VBB (Note 1)
HH
VBB
OFF
H
H
OK
LL
GND
OFF
H
H
OK
HL
GND
OFF
H
H
OK, data is being received from the LINBUS
xx
VBB
ON
H
L
FAULT, Tranceiver in thermal shutdown
xx
VBB
xL
x
NO FAULT, the CPU is commanding the
tranceiver to turn off the transmitter driver
Legend: x = don’t care
Note 1:
The FAULT/TXE is valid after approximately 25 µs after TXD falling edge. This is to eliminate false fault
reporting during bus propagation delays.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com