Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6241RT-E/OT Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6241RT-E/OT
Description  50 關A, 550 kHz Rail-to-Rail Op Amp
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6241RT-E/OT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6241RT-E/OT Datasheet HTML 3Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 4Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 5Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 6Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 7Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 8Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 9Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 10Page - Microchip Technology MCP6241RT-E/OT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21882D-page 7
MCP6241/1R/1U/2/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL = 60 pF.
FIGURE 2-13:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-14:
Output Voltage Headroom
vs. Output Current Magnitude.
FIGURE 2-15:
Maximum Output Voltage
Swing vs. Frequency.
FIGURE 2-16:
Small-Signal, Non-Inverting
Pulse Response.
FIGURE 2-17:
Large-Signal, Non-Inverting
Pulse Response.
FIGURE 2-18:
Quiescent Current vs.
Power Supply Voltage.
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-50
-25
0
255075
100
125
Ambient Temperature (°C)
Falling Edge
Rising Edge
VDD = 1.8V
VDD = 5.5V
1
10
100
1,000
1.E-02
1.E-01
1.E+00
1.E+01
Output Current Magnitude (A)
VDD – VOH
10m
1m
VOL – VSS
100µ
10µ
0.1
1
10
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
VDD = 5.5V
VDD = 1.8V
1k
10k
100k
1M
Time (1 µs/div)
G = +1 V/V
RL = 10 kΩ
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Time (10 µs/div)
VDD = 5.0V
G = +1 V/V
0
10
20
30
40
50
60
70
80
0.00.5 1.0 1.5 2.02.5 3.03.5 4.04.5 5.05.5
Power Supply Voltage (V)
VCM = 0.9VDD
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com