Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73831-2ACI/OT Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73831-2ACI/OT
Description  Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73831-2ACI/OT Datasheet(HTML) 5 Page - Microchip Technology

  MCP73831-2ACI/OT Datasheet HTML 1Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 2Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 3Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 4Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 5Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 6Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 7Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 8Page - Microchip Technology MCP73831-2ACI/OT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© 2008 Microchip Technology Inc.
DS21984E-page 5
MCP73831/2
TEMPERATURE SPECIFICATIONS
AC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for V
DD = [VREG (typical) + 0.3V] to 12V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
UVLO Start Delay
tSTART
——
5
ms
VDD Low-to-High
Constant-Current Regulation
Transition Time Out of
Preconditioning
tDELAY
——
1
ms
VBAT < VPTH to VBAT > VPTH
Current Rise Time Out of
Preconditioning
tRISE
——
1
ms
IOUT Rising to 90% of IREG
Termination Comparator
Filter
tTERM
0.4
1.3
3.2
ms
Average IOUT Falling
Charge Comparator Filter
tCHARGE
0.4
1.3
3.2
ms
Average VBAT
Status Indicator
Status Output turn-off
tOFF
——
200
µ
sISINK = 1 mA to 0 mA
Status Output turn-on
tON
——
200
µ
sISINK = 0 mA to 1 mA
Electrical Specifications: Unless otherwise indicated, all limits apply for V
DD = [VREG (typical) + 0.3V] to 12V.
Typical values are at +25°C, VDD = [VREG (typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TJ
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
5-Lead, SOT-23
θ
JA
—
230
—
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection
(Note 2)
8-Lead, 2 mm x 3 mm, DFN
θ
JA
—
76
—
°C/W
4-Layer JC51-7 Standard
Board, Natural Convection
(Note 1)
Note 1: This represents the minimum copper condition on the PCB (Printed Circuit Board).
2: With large copper area on the PCB, the SOT-23-5 thermal resistance (
θ
JA ) can reach a typical value of
130°C/W or better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com