Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9701AT-E/LT Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP9701AT-E/LT
Description  Low-Power Linear Active Thermistor??ICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9701AT-E/LT Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP9701AT-E/LT Datasheet HTML 16Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 17Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 18Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 19Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 20Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 21Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 22Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 23Page - Microchip Technology MCP9701AT-E/LT Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
© 2009 Microchip Technology Inc.
DS21942E-page 21
MCP9700/9700A and MCP9701/9701A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP9700T:
Linear Active Thermistor™ IC,
Tape and Reel, Pb free
MCP9700AT: Linear Active Thermistor™ IC,
Tape and Reel, Pb free
MCP9701T:
Linear Active Thermistor™ IC,
Tape and Reel, Pb free
MCP9701AT: Linear Active Thermistor™ IC,
Tape and Reel, Pb free
Temperature Range: E =
-40°C to +125°C
H=
-40°C to +150°C (MCP9700 only)
Package:
LT = Plastic Small Outline Transistor, 5-lead
TO = Plastic Small Outline Transistor, 3-lead
TT = Plastic Small Outline Transistor, 3-lead
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP9700T-E/LT:
Linear Active Thermistor™
IC, Tape and Reel,
5LD SC70 package.
b)
MCP9700-E/TO:
Linear Active Thermistor™
IC, 3LD TO-92 package.
c)
MCP9700T-E/TO:
Linear Active Thermistor™
IC, Tape and Reel,
3LD SOT-23 package.
d)
MCP9700T-H/LT:
Linear Active Thermistor™
IC, Tape and Reel,
High Temperature,
5LD SC70 package.
a)
MCP9700AT-E/LT: Linear Active Thermistor™
IC, Tape and Reel,
5LD SC70 package.
b)
MCP9700AT-E/TO: Linear Active Thermistor™
IC, Tape and Reel,
3LD SOT-23 package.
a)
MCP9701T-E/LT:
Linear Active Thermistor™
IC, Tape and Reel,
5LD SC70 package.
b)
MCP9701-E/TO:
Linear Active Thermistor™
IC, 3LD TO-92 package.
c)
MCP9701T-E/TO:
Linear Active Thermistor™
IC, Tape and Reel,
3LD SOT-23 package.
a)
MCP9701AT-E/LT: Linear Active Thermistor™
IC, Tape and Reel,
5LD SC70 package.
b)
MCP9701AT-E/TO: Linear Active Thermistor™
IC, Tape and Reel,
3LD SOT-23 package.
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com