Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9701AT-E/TO Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP9701AT-E/TO
Description  Low-Power Linear Active Thermistor??ICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9701AT-E/TO Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP9701AT-E/TO Datasheet HTML 7Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 8Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 9Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 10Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 11Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 12Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 13Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 14Page - Microchip Technology MCP9701AT-E/TO Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2009 Microchip Technology Inc.
DS21942E-page 11
MCP9700/9700A and MCP9701/9701A
4.0
APPLICATIONS INFORMATION
The Linear Active Thermistor™ IC uses an internal
diode to measure temperature. The diode electrical
characteristics have a temperature coefficient that
provides a change in voltage based on the relative
ambient temperature from -40°C to 150°C. The change
in voltage is scaled to a temperature coefficient of
10.0 mV/°C (typical) for the MCP9700/9700A and
19.5 mV/°C (typical) for the MCP9701/9701A. The out-
put voltage at 0°C is also scaled to 500 mV (typical)
and 400 mV (typical) for the MCP9700/9700A and
MCP9701/9701A, respectively. This linear scale is
described in the first-order transfer function shown in
Equation 4-1 and Figure 2-16.
EQUATION 4-1:
SENSOR TRANSFER
FUNCTION
FIGURE 4-1:
Typical Application Circuit.
4.1
Improving Accuracy
The MCP9700/9700A and MCP9701/9701A accuracy
can be improved by performing a system calibration at
a specific temperature. For example, calibrating the
system at +25°C ambient improves the measurement
accuracy to a ±0.5°C (typical) from 0°C to +70°C, as
shown in Figure 4-2. Therefore, when measuring
relative temperature change, this family measures
temperature with higher accuracy.
FIGURE 4-2:
Relative Accuracy to +25°C
vs. Temperature.
The change in accuracy from the calibration
temperature is due to the output non-linearity from the
first-order equation, as specified in Equation 4-2. The
accuracy can be further improved by compensating for
the output non-linearity.
For higher accuracy using a sensor compensation
technique, refer to AN1001 “IC Temperature Sensor
Accuracy
Compensation
with
a
PICmicro®
Microcontroller” (DS01001). The application note
shows that if the MCP9700 is compensated in addition
to room temperature calibration, the sensor accuracy
can be improved to ±0.5°C (typical) accuracy over the
operating temperature (Figure 4-3).
FIGURE 4-3:
MCP9700/9700A Calibrated
Sensor Accuracy.
The compensation technique provides a linear
temperature reading. A firmware look-up table can be
generated to compensate for the sensor error.
VOUT
TC TA V0°C
+
•
=
Where:
TA = Ambient Temperature
VOUT = Sensor Output Voltage
V0°C = Sensor Output Voltage at 0°C
(See DC Electrical Characteristics
table)
TC = Temperature Coefficient
(See DC Electrical Characteristics
table)
VDD
VSS
GND
ANI
VDD
VSS
VOUT
MCP9700
PICmicro®
MCU
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-50
-25
0
25
50
75
100
125
TA (°C)
VDD= 3.3V
10 Samples
-4.0
-2.0
0.0
2.0
4.0
6.0
-50
-25
0
25
50
75
100
125
Temperature (°C)
+ s
Average
- s
Spec. Limits
100 Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com