Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9701AT-E/TT Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP9701AT-E/TT
Description  Low-Power Linear Active Thermistor??ICs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9701AT-E/TT Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP9701AT-E/TT Datasheet HTML 8Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 9Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 10Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 11Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 12Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 13Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 14Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 15Page - Microchip Technology MCP9701AT-E/TT Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
MCP9700/9700A and MCP9701/9701A
DS21942E-page 12
© 2009 Microchip Technology Inc.
4.2
Shutdown Using Microcontroller
I/O Pin
The MCP9700/9700A and MCP9701/9701A family of
low operating current of 6 µA (typical) makes it ideal for
battery-powered
applications.
However,
for
applications that require tighter current budget, this
device can be powered using a microcontroller Input/
Output (I/O) pin. The I/O pin can be toggled to shut
down
the
device.
In
such
applications,
the
microcontroller internal digital switching noise is
emitted to the MCP9700/9700A and MCP9701/9701A
as power supply noise. This switching noise compro-
mises measurement accuracy. Therefore, a decoupling
capacitor and series resistor will be necessary to filter
out the system noise.
4.3
Layout Considerations
The MCP9700/9700A and MCP9701/9701A family
does not require any additional components to operate.
However, it is recommended that a decoupling
capacitor of 0.1 µF to 1 µF be used between the VDD
and GND pins. In high-noise applications, connect the
power supply voltage to the VDD pin using a 200Ω
resistor with a 1 µF decoupling capacitor. A high
frequency ceramic capacitor is recommended. It is
necessary for the capacitor to be located as close as
possible to the VDD and GND pins in order to provide
effective noise protection. In addition, avoid tracing
digital lines in close proximity to the sensor.
4.4
Thermal Considerations
The MCP9700/9700A and MCP9701/9701A family
measures temperature by monitoring the voltage of a
diode located in the die. A low-impedance thermal path
between the die and the PCB is provided by the pins.
Therefore, the sensor effectively monitors the
temperature of the PCB. However, the thermal path for
the ambient air is not as efficient because the plastic
device package functions as a thermal insulator from
the die. This limitation applies to plastic-packaged
silicon temperature sensors. If the application requires
measuring ambient air, consider using the TO-92
package.
The
MCP9700/9700A
and
MCP9701/9701A
is
designed to source/sink 100 µA (max.). The power
dissipation due to the output current is relatively
insignificant. The effect of the output current can be
described using Equation 4-2.
EQUATION 4-2:
EFFECT OF SELF-
HEATING
At TA = +25°C (VOUT = 0.75V) and maximum
specification of IDD =12µA, VDD = 5.5V and
IOUT = +100 µA, the self-heating due to power
dissipation (TJ –TA) is 0.179°C.
TJ TA
–
θ
JA VDDIDD
VDD VOUT
–
()
+
IOUT
()
=
Where:
TJ = Junction Temperature
TA = Ambient Temperature
θJA = Package Thermal Resistance
(331°C/W)
VOUT = Sensor Output Voltage
IOUT = Sensor Output Current
IDD = Operating Current
VDD = Operating Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com