Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1702T-1202E/TO Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1702T-1202E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-1202E/TO Datasheet(HTML) 4 Page - Microchip Technology

  MCP1702T-1202E/TO Datasheet HTML 1Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 2Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 3Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 4Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 5Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 6Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 7Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 8Page - Microchip Technology MCP1702T-1202E/TO Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP1702
DS22008D-page 4
© 2009 Microchip Technology Inc.
Dropout Voltage
(Note 1, Note 5)
VDROPOUT
—
330
650
mV
IL = 250 mA, VR = 5.0V
—
525
725
mV
IL = 250 mA, 3.3V ≤ VR < 5.0V
—
625
975
mV
IL = 250 mA, 2.8V ≤ VR < 3.3V
—
750
1100
mV
IL = 250 mA, 2.5V ≤ VR < 2.8V
——
—
mV
VR < 2.5V, See Maximum Output
Current Parameter
Output Delay Time
TDELAY
—
1000
—
µs
VIN = 0V to 6V, VOUT = 90% VR
RL = 50Ω resistive
Output Noise
eN
—8
—
µV/(Hz)1/2
IL = 50 mA, f = 1 kHz, COUT = 1 µF
Power Supply Ripple
Rejection Ratio
PSRR
—
44
—
dB
f = 100 Hz, COUT = 1 µF, IL = 50 mA,
VINAC = 100 mV pk-pk, CIN = 0 µF,
VR =1.2V
Thermal Shutdown
Protection
TSD
—
150
—
°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are established for V
IN = VOUT(MAX) + VDROPOUT(MAX), Note 1,
ILOAD = 100 µA, COUT = 1 µF (X7R), CIN = 1 µF (X7R), TA = +25°C.
Boldface type applies for junction temperatures, T
J of -40°C to +125°C. (Note 7)
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
The minimum VIN must meet two conditions: VIN ≥ 2.7V and VIN ≥ VOUT(MAX) + VDROPOUT(MAX).
2:
VR is the nominal regulator output voltage. For example: VR = 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V, or 5.0V. The
input voltage VIN = VOUT(MAX) + VDROPOUT(MAX) or VIN = 2.7V (whichever is greater); IOUT = 100 µA.
3:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10
6 / (V
R * ΔTemperature), VOUT-HIGH = highest voltage measured over the
temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing. Changes in output
voltage due to heating effects are determined using thermal regulation specification TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its measured
value with an applied input voltage of VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature and the thermal resistance from junction to air (i.e., TA, TJ, θJA). Exceeding the maximum allowable power
dissipation will cause the device operating junction temperature to exceed the maximum 150°C rating. Sustained
junction temperatures above 150°C can impact the device reliability.
7:
The junction temperature is approximated by soaking the device under test at an ambient temperature equal to the
desired Junction temperature. The test time is small enough such that the rise in the Junction temperature over the
ambient temperature is not significant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com