Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1702-1802E/TO Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1702-1802E/TO
Description  250 mA Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702-1802E/TO Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1702-1802E/TO Datasheet HTML 4Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 5Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 6Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 7Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 8Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 9Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 10Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 11Page - Microchip Technology MCP1702-1802E/TO Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
MCP1702
DS22008D-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated: V
R = 2.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VOUT(MAX) + VDROPOUT(MAX).
FIGURE 2-7:
Output Voltage vs. Input
Voltage.
FIGURE 2-8:
Output Voltage vs. Input
Voltage.
FIGURE 2-9:
Output Voltage vs. Input
Voltage.
FIGURE 2-10:
Output Voltage vs. Load
Current.
FIGURE 2-11:
Output Voltage vs. Load
Current.
FIGURE 2-12:
Output Voltage vs. Load
Current.
1.18
1.19
1.20
1.21
1.22
1.23
1.24
2468
10
12
14
Input Voltage (V)
VOUT = 1.2V
ILOAD = 0.1 mA
+25°C
+130°C
-45°C
0°C
+90°C
2.77
2.78
2.79
2.80
2.81
2.82
2.83
2.84
2.85
3
4
5
6
7
8
9
1011121314
Input Voltage (V)
VOUT = 2.8V
ILOAD = 0.1 mA
+25°C
+130°C
-45°C
0°C
+90°C
4.96
4.98
5.00
5.02
5.04
5.06
6
7
8
9
10
11
12
13
14
Input Voltage (V)
VOUT = 5.0V
ILOAD = 0.1 mA
+25°C
+130°C
-45°C
0°C
+90°C
1.18
1.19
1.20
1.21
1.22
1.23
0
204060
80
100
Load Current (mA)
VOUT = 1.2V
+25°C
+130°C
-45°C
0°C
+90°C
2.77
2.78
2.79
2.80
2.81
2.82
2.83
0
50
100
150
200
250
Load Current (mA)
VOUT = 2.8V
+25°C
+130°C
-45°C
0°C
+90°C
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
0
50
100
150
200
250
Load Current (mA)
VOUT = 5.0V
+25°C
+130°C
-45°C
0°C
+90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com