Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V01-E/MD Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6V01-E/MD
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V01-E/MD Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6V01-E/MD Datasheet HTML 12Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 13Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 14Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 15Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 16Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 17Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 18Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 19Page - Microchip Technology MCP6V01-E/MD Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
MCP6V01/2/3
DS22058C-page 16
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
FIGURE 2-47:
Inverting Large Signal Step
Response.
FIGURE 2-48:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-49:
Output Overdrive Recovery
vs. Time with G = -100 V/V.
FIGURE 2-50:
Output Overdrive Recovery
Time vs. Inverting Gain.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
45
50
Time (µs)
VDD = 5.5V
G = -1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Falling Edge
VDD = 5.5V
VDD = 1.8V
Rising Edge
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (50 µs/div)
-1
0
1
2
3
4
5
6
VDD = 5.5V
G = -100 V/V
0.5V Overdrive
VOUT
G VIN
VOUT
G VIN
1
10
100
1000
1
10
100
1000
Inverting Gain Magnitude (V/V)
0.5V Output Overdrive
tODR, low
tODR, high
VDD = 1.8V
VDD = 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com