Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC1024-I/P Datasheet(PDF) 3 Page - Microchip Technology

Part # 25LC1024-I/P
Description  1 Mbit SPI Bus Serial EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC1024-I/P Datasheet(HTML) 3 Page - Microchip Technology

  25LC1024-I/P Datasheet HTML 1Page - Microchip Technology 25LC1024-I/P Datasheet HTML 2Page - Microchip Technology 25LC1024-I/P Datasheet HTML 3Page - Microchip Technology 25LC1024-I/P Datasheet HTML 4Page - Microchip Technology 25LC1024-I/P Datasheet HTML 5Page - Microchip Technology 25LC1024-I/P Datasheet HTML 6Page - Microchip Technology 25LC1024-I/P Datasheet HTML 7Page - Microchip Technology 25LC1024-I/P Datasheet HTML 8Page - Microchip Technology 25LC1024-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
© 2008 Microchip Technology Inc.
DS22064C-page 3
25LC1024
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
VCC = 2.5V to 5.5V
Automotive (E):
TA = -40°C to +125°C
VCC = 2.5V to 5.5V
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
20
10
MHz
MHz
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
2TCSS
CS setup time
25
50
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
3TCSH
CS hold time
50
100
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
4TCSD
CS disable time
50
—
ns
—
5
Tsu
Data setup time
5
10
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
6THD
Data hold time
10
20
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
7TR
CLK rise time
—
20
ns
(Note 1)
8TF
CLK fall time
—
20
ns
(Note 1)
9THI
Clock high time
25
50
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
10
TLO
Clock low time
25
50
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
11
TCLD
Clock delay time
50
—
ns
—
12
TCLE
Clock enable time
50
—
ns
—
13
TV
Output valid from clock low
—
—
25
50
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
14
THO
Output hold time
0
—
ns
(Note 1)
15
TDIS
Output disable time
—
—
25
50
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
16
THS
HOLD setup time
10
20
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
17
THH
HOLD hold time
10
20
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
18
THZ
HOLD low to output
High-Z
15
30
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
(Note 1)
19
THV
HOLD high to output valid
15
30
—
—
ns
ns
4.5V
≤ VCC ≤ 5.5V (I)
2.5V
≤ VCC < 5.5V (I, E)
20
TREL
CS High to Standby mode
—
100
μs—
21
TPD
CS High to Deep power-
down
—100
μs—
22
TCE
Chip erase cycle time
—
10
ms
—
23
TSE
Sector erase cycle time
—
10
ms
—
24
TWC
Internal write cycle time
—
6
ms
Byte or Page mode and Page
Erase
Note 1: This parameter is periodically sampled and not 100% tested.
2: This parameter is not tested but established by characterization and qualification. For endurance
estimates in a specific application, please consult the Total Endurance™ Model which can be obtained
from Microchip’s web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com