Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1631-500E/ML Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1631-500E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631-500E/ML Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1631-500E/ML Datasheet HTML 5Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 6Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 7Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 8Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 9Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 10Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 11Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 12Page - Microchip Technology MCP1631-500E/ML Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 9
MCP1631/HV/MCP1631V/VHV
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF, VIN for typical values = 5.0V, TA
for typical values = +25°C.
FIGURE 2-1:
Undervoltage Lockout vs.
Temperature.
FIGURE 2-2:
Undervoltage Lockout
Hysteresis vs. Temperature.
FIGURE 2-3:
Input Quiescent Current vs.
Temperature.
FIGURE 2-4:
Shutdown Current vs.
Temperature (MCP1631/MCP1631V).
FIGURE 2-5:
Oscillator Input Threshold
vs. Temperature.
FIGURE 2-6:
Oscillator Disable Input
Threshold vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2.8
2.81
2.82
2.83
2.84
2.85
2.86
2.87
2.88
2.89
Ambient Temperature (°C)
Device Turn On
Device Turn Off
0.061
0.062
0.063
0.064
0.065
0.066
0.067
0.068
Ambient Temperature (°C)
2.80
3.00
3.20
3.40
3.60
3.80
4.00
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
1.00
1.30
1.60
1.90
2.20
2.50
2.80
3.10
3.40
3.70
4.00
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
1.00
1.10
1.20
1.30
1.40
1.50
1.60
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V
0.80
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
Ambient Temperature (°C)
VDD = +3.0V
VDD = +3.3V
VDD = +4.0V
VDD = +5.0V
VDD = +5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com