Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA020-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # 11AA020-E/P
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA020-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button 11AA020-E/P Datasheet HTML 7Page - Microchip Technology 11AA020-E/P Datasheet HTML 8Page - Microchip Technology 11AA020-E/P Datasheet HTML 9Page - Microchip Technology 11AA020-E/P Datasheet HTML 10Page - Microchip Technology 11AA020-E/P Datasheet HTML 11Page - Microchip Technology 11AA020-E/P Datasheet HTML 12Page - Microchip Technology 11AA020-E/P Datasheet HTML 13Page - Microchip Technology 11AA020-E/P Datasheet HTML 14Page - Microchip Technology 11AA020-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS22067E-page 11
11AAXXX/11LCXXX
4.2
Current Address Read (CRRD)
Instruction
The internal address counter featured on the 11XX
maintains the address of the last memory array loca-
tion accessed. The CRRD instruction allows the mas-
ter to read data back beginning from this current
location. Consequently, no word address is provided
upon issuing this command.
Note that, except for the initial word address, the
READ
and CRRD instructions are identical, including
the ability to continue requesting data through the use
of MAKs in order to sequentially read from the array.
As with the READ instruction, the CRRD instruction is
terminated by transmitting a NoMAK.
Table 4-2 lists the events upon which the internal
address counter is modified.
TABLE 4-2:
INTERNAL ADDRESS
COUNTER
FIGURE 4-2:
CRRD COMMAND SEQUENCE
Command
Event
Action
—
Power-on Reset Counter is undefined
READ
or
WRITE
MAK edge fol-
lowing each
Address byte
Counter is updated
with newly received
value
READ
,
WRITE
, or
CRRD
MAK/NoMAK
edge following
each data byte
Counter is incre-
mented by 1
Note: If, following each data byte in a READ,
WRITE
, or CRRD instruction, neither a
MAK nor a NoMAK edge is received
(i.e., if a standby pulse occurs instead),
the internal address counter will not be
incremented.
Note: During a Write command, once the last
data byte for a page has been loaded,
the internal Address Pointer will rollover
to the beginning of the selected page.
76 5 4
Data Byte 1
32 1 0
76 5 4
Data Byte 2
32 1 0
76 5 4
Data Byte n
32 1 0
SCIO
11
0
1
0
1
00
Start Header
SCIO
Device Address
00
0
0
1
0
10
Command
10
0
0
0
0
01
Standby Pulse
SCIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com