Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA014HT-E/MS Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA014HT-E/MS
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA014HT-E/MS Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA014HT-E/MS Datasheet HTML 7Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 8Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 9Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 10Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 11Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 12Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 13Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 14Page - Microchip Technology 24AA014HT-E/MS Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS22077B-page 11
24AA014H/24LC014H
8.0
READ OPERATIONS
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
8.1
Current Address Read
The 24AA014H/24LC014H contains an address coun-
ter that maintains the address of the last word
accessed, internally incremented by one. Therefore, if
the previous read access was to address n, the next
current address read operation would access data from
address n + 1. Upon receipt of the slave address with
the R/W bit set to ‘1’, the 24AA014H/24LC014H issues
an acknowledge and transmits the 8-bit data word. The
master will not acknowledge the transfer, but does
generate a Stop condition and the 24AA014H/
24LC014H discontinues transmission (Figure 8-1).
8.2
Random Read
Random read operations allow the master to access
any memory location in a random manner. To perform
this type of read operation, the word address must first
be set. This is done by sending the word address to the
24AA014H/24LC014H as part of a write operation.
Once the word address is sent, the master generates a
Start
condition
following
the
acknowledge.
This
terminates the write operation, but not before the
internal Address Pointer is set. The master then issues
the control byte again but with the R/W bit set to a ‘1’.
The
24AA014H/24LC014H
will
then
issue
an
acknowledge and transmits the eight-bit data word.
The master will not acknowledge the transfer, but does
generate a Stop condition and the 24AA014H/
24LC014H discontinues transmission (Figure 8-2).
After this command, the internal address counter will
point to the address location following the one that was
just read.
8.3
Sequential Read
Sequential reads are initiated in the same way as a
random read except that after the 24AA014H/
24LC014H transmits the first data byte, the master
issues an acknowledge as opposed to a Stop condition
in a random read. This directs the 24AA014H/
24LC014H to transmit the next sequentially addressed
8-bit word (Figure 8-3).
To provide sequential reads the 24AA014H/24LC014H
contains
an
internal
Address
Pointer
which
is
incremented by one at the completion of each
operation. This Address Pointer allows the entire
memory contents to be serially read during one
operation.
The
internal
Address
Pointer
will
automatically roll over from address 07Fh to address
000h.
FIGURE 8-1:
CURRENT ADDRESS READ
Bus Activity
Master
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Data
A
C
K
N
O
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com