Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11AA020T-E/MS Datasheet(PDF) 2 Page - Microchip Technology

Part # 11AA020T-E/MS
Description  1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

11AA020T-E/MS Datasheet(HTML) 2 Page - Microchip Technology

  11AA020T-E/MS Datasheet HTML 1Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 2Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 3Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 4Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 5Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 6Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 7Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 8Page - Microchip Technology 11AA020T-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
11AAXXX/11LCXXX
DS22067E-page 2
Preliminary
© 2008 Microchip Technology Inc.
DEVICE SELECTION TABLE
Part Number
Density
(bits)
Organization
VCC Range
Page Size
(Bytes)
Temp.
Ranges
Packages
11LC010
1K
128 x 8
2.5-5.5V
16
I,E
P, SN, MS, MN, TT
11AA010
1K
128 x 8
1.8-5.5V
16
I
P, SN, MS, MN, TT
11LC020
2K
256 x 8
2.5-5.5V
16
I,E
P, SN, MS, MN, TT
11AA020
2K
256 x 8
1.8-5.5V
16
I
P, SN, MS, MN, TT
11LC040
4K
512 x 8
2.5-5.5V
16
I,E
P, SN, MS, MN, TT
11AA040
4K
512 x 8
1.8-5.5V
16
I
P, SN, MS, MN, TT
11LC080
8K
1,024 x 8
2.5-5.5V
16
I,E
P, SN, MS, MN, TT
11AA080
8K
1,024 x 8
1.8-5.5V
16
I
P, SN, MS, MN, TT
11LC160
16K
2,048 x 8
2.5-5.5V
16
I,E
P, SN, MS, MN, TT
11AA160
16K
2,048 x 8
1.8-5.5V
16
I
P, SN, MS, MN, TT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com