Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73871-1CCI/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73871-1CCI/ML
Description  Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73871-1CCI/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73871-1CCI/ML Datasheet HTML 17Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 18Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 19Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 20Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 21Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 22Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 23Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 24Page - Microchip Technology MCP73871-1CCI/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22090B-page 21
MCP73871
4.7
Charge Termination
The charge cycle is terminated when, during constant
voltage mode, the average charge current diminishes
below a threshold established with the value of a
resistor connected from PROG3 to VSS or internal timer
has expired. A 1 ms filter time on the termination
comparator ensures that transient load conditions do
not result in premature charge cycle termination. The
timer period is factory set and can be disabled. Refer to
Section 1.0 “Electrical Characteristics” for timer
period options.
The program resistor and the charge current are
calculated using the following equation:
EQUATION 4-2:
The charge current is latched off and the MCP73871
device
enters
a
charge
complete
mode.
The
recommended PROG3 resistor values are between
5k
Ω and 100 kΩ.
4.8
Automatic Recharge
The MCP73871 device continuously monitors the
voltage at the VBAT pin in the charge complete mode. If
the voltage drops below the recharge threshold,
another charge cycle begins and current is once again
supplied to the battery or load. The recharge threshold
is factory set. Refer to
Section 1.0 “Electrical
Characteristics” for recharge threshold options.
4.9
Thermal Regulation
The MCP73871 device limits the charge current based
on the die temperature. The thermal regulation
optimizes the charge cycle time while maintaining
device reliability.
Figure 4-3 depicts the thermal
regulation
for
the
MCP73871
device.
Refer
to
Section 1.0 “Electrical Characteristics” for thermal
package resistances and
Section 6.1.1.2 “Thermal
Considerations” for calculating power dissipation.
.
FIGURE 4-3:
Thermal Regulation
4.10
Thermal Shutdown
The MCP73871 device suspends charge if the die
temperature exceeds 150°C. Charging will resume
when the die temperature has cooled by approximately
10°C. The thermal shutdown is a secondary safety
feature in the event that there is a failure within the
thermal regulation circuitry.
4.11
Temperature Qualification
The MCP73871 device continuously monitor battery
temperature during a charge cycle by measuring the
voltage between the THERM and VSS pins. An internal
50 µA current source provides the bias for most
common
10 k
Ω negative-temperature coefficient
thermistors (NTC). The MCP73871 device compares
the voltage at the THERM pin to factory set thresholds
of 1.24V and 0.25V, typically. Once a voltage outside
the thresholds is detected during a charge cycle, the
MCP73871 device immediately suspends the charge
cycle. The MCP73871 device suspends charge by
turning off the charge pass transistor and holding the
timer value. The charge cycle resumes when the
voltage at the THERM pin returns to the normal range.
Note:
Charge
termination
and
automatic
recharge features avoid constant charging
Li-Ion batteries to prolong life of Li-Ion
batteries while keeping their capacity at
healthy level.
I
TERMINATION
1000V
R
PROG3
--------------------
=
Where:
RPROG
=
kilo-ohms (k
Ω)
IREG
=
milliampere (mA)
0
200
400
600
800
1000
1200
25
50
75
100
125
150
Ambient Temperature (°C)
VDD = 5.2V
RPROG = 1 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com