Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1415RT Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1415RT
Description  Tiny 1.5A, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1415RT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1415RT Datasheet HTML 3Page - Microchip Technology MCP1415RT Datasheet HTML 4Page - Microchip Technology MCP1415RT Datasheet HTML 5Page - Microchip Technology MCP1415RT Datasheet HTML 6Page - Microchip Technology MCP1415RT Datasheet HTML 7Page - Microchip Technology MCP1415RT Datasheet HTML 8Page - Microchip Technology MCP1415RT Datasheet HTML 9Page - Microchip Technology MCP1415RT Datasheet HTML 10Page - Microchip Technology MCP1415RT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
© 2008 Microchip Technology Inc.
DS22092C-page 7
MCP1415/16
Typical Performance Curves (Continued)
Note: Unless otherwise indicated, T
A = +25°C with 4.5V ≤ VDD ≤ =18V.
FIGURE 2-13:
Supply Current vs.
Capacitive Load.
FIGURE 2-14:
Supply Current vs.
Capacitive Load.
FIGURE 2-15:
Supply Current vs.
Capacitive Load.
FIGURE 2-16:
Supply Current vs.
Frequency.
FIGURE 2-17:
Supply Current vs.
Frequency.
FIGURE 2-18:
Supply Current vs.
Frequency.
0
20
40
60
80
100
120
140
160
100
1000
10000
Capacitive Load (pF)
VDD = 18V
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
0
10
20
30
40
50
60
70
80
90
100
1000
10000
Capacitive Load (pF)
VDD = 12V
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
0
5
10
15
20
25
30
35
40
100
1000
10000
Capacitive Load (pF)
VDD = 6V
1 MHz
500 kHz
200 kHz
100 kHz
50 kHz
0
20
40
60
80
100
120
140
10
100
1000
Frequency (kHz)
VDD = 18V
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF
0
20
40
60
80
100
120
100
1000
10000
Frequency (kHz)
VDD = 12V
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF
0
10
20
30
40
50
60
100
1000
10000
Frequency (kHz)
VDD = 6V
10,000 pF
6,800 pF
3,300 pF
1,000 pF
470 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com