Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V06-E/MD Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6V06-E/MD
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06-E/MD Datasheet(HTML) 5 Page - Microchip Technology

  MCP6V06-E/MD Datasheet HTML 1Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 2Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 3Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 4Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 5Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 6Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 7Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 8Page - Microchip Technology MCP6V06-E/MD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 5
MCP6V06/7/8
TABLE 1-3:
DIGITAL ELECTRICAL SPECIFICATIONS
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to +5.5V, VSS = GND, VCM = VDD/3,
VOUT =VDD/2, VL =VDD/2, RL = 20 kΩ to VL, CL = 60 pF, and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min
Typ
Max Units
Conditions
CS Pull-Down Resistor (MCP6V08)
CS Pull-Down Resistor
RPD
35
—
M
Ω
CS Low Specifications (MCP6V08)
CS Logic Threshold, Low
VIL
VSS
—0.3VDD
V
CS Input Current, Low
ICSL
—5—
pA
CS = VSS
CS High Specifications (MCP6V08)
CS Logic Threshold, High
VIH
0.7VDD
—VDD
V
CS Input Current, High
ICSH
—VDD/RPD
—pA
CS = VDD
CS Input High, GND Current per
amplifier
ISS
—-0.7—
µA
CS = VDD, VDD = 1.8V
ISS
—-2.3—
µA
CS = VDD, VDD = 5.5V
Amplifier Output Leakage, CS High IO_LEAK
—20—
pA
CS = VDD
CS Dynamic Specifications (MCP6V08)
CS Low to Amplifier Output On
Turn-on Time
tON
—
11
100
µs
CS Low = VSS+0.3 V, G = +1 V/V,
VOUT = 0.9 VDD/2
CS High to Amplifier Output High-Z
tOFF
—10—
µs
CS High = VDD – 0.3 V, G = +1 V/V,
VOUT = 0.1 VDD/2
Internal Hysteresis
VHYST
—0.25
—
V
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +1.8V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-2x3 TDFN
θJA
—41—
°C/W
Thermal Resistance, 8L-4x4 DFN
θJA
—44—
°C/W
(Note 2)
Thermal Resistance, 8L-SOIC
θJA
—
150
—
°C/W
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (150°C).
2:
Measured on a standard JC51-7, four layer printed circuit board with ground plane and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com