Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02H-I/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # 24AA02H-I/ST
Description  2K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02H-I/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24AA02H-I/ST Datasheet HTML 22Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 23Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 24Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 25Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 26Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 27Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 28Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 29Page - Microchip Technology 24AA02H-I/ST Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2008 Microchip Technology Inc.
DS22105A-page 27
24AA02H/24LC02BH
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA02H
=
1.7V, 2 Kbit I2C Serial EEPROM
24AA02HT =
1.7V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC02BH =
2.5V, 2 Kbit I2C Serial EEPROM
24LC02BH =
2.5V, 2 Kbit I2C Serial EEPROM
(Tape and Reel)
Temperature
Range:
I
= -40°C to +85°C
E
= -40°C to +125°C
Package:
P
= 8-Lead Plastic Dual In-Line (300 mil body)
SN
= 8-Lead Plastic Small Outline (3.90 mm body)
ST
= 8-Lead Plastic Thin Shrink Small Outline
(4.4 mm)
MS
= 8-Lead Plastic Micro Small Outline
MNY(1) = 8-Lead Plastic Dual Flat, No Lead
OT
= 5-Lead Plastic Small Outline Transistor
(Tape and Reel only)
LT
= 5-Lead Plastic Small Outline Transistor
(Tape and Reel only)
Examples:
a)
24AA02H-I/P: Industrial Temperature,
1.7V, PDIP package
b)
24AA02H-I/SN: Industrial Temperature,
1.7V, SOIC package
c)
24AA02HT-I/OT: Industrial Temperature,
1.7V, SOT-23 package, tape and reel
d)
24LC02BH-I/P: Industrial Temperature,
2.5V, PDIP package
e)
24LC02BH-E/SN: Extended Tempera-
ture, 2.5V, SOIC package
f)
24LC02BHT-I/LT:
Industrial
Tempera-
ture, 2.5V, SC-70 package, tape and reel
Note
1: ’Y’ indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com