Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9510C Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP9510C
Description  Resistor-Programmable Temperature Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9510C Datasheet(HTML) 3 Page - Microchip Technology

  MCP9510C Datasheet HTML 1Page - Microchip Technology MCP9510C Datasheet HTML 2Page - Microchip Technology MCP9510C Datasheet HTML 3Page - Microchip Technology MCP9510C Datasheet HTML 4Page - Microchip Technology MCP9510C Datasheet HTML 5Page - Microchip Technology MCP9510C Datasheet HTML 6Page - Microchip Technology MCP9510C Datasheet HTML 7Page - Microchip Technology MCP9510C Datasheet HTML 8Page - Microchip Technology MCP9510C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2008 Microchip Technology Inc.
DS22114A-page 3
MCP9509/10
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
VDD.................................................................................. 6.0V
Voltage at all Input/Output pins ............... GND – 0.3V to 6.0V
Input/Output Current .....................................................20 mA
Storage temperature .....................................-65°C to +150°C
Ambient temp. with power applied ................-40°C to +125°C
Junction Temperature (TJ) .......................................... +150°C
ESD protection on all pins (HBM:MM) ................. (4 kV/400V)
Latch-Up Current at each pin (25°C) ....................... ±200 mA
†Notice: Stresses above those listed under “Maximum
ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, T
A = -40°C to +125°C, and
GND = Ground.
Parameters
Sym
Min
Typ
Max
Unit
Conditions
Sensor Accuracy
TA = +25°C, +45°C
TACY
—±0.5
—
°C
Note 1
0°C
≤ T
A ≤ +125 °C
-3.5
±1
+3.5
°C
-20°C
≤ T
A ≤ +125 °C
-4.5
±1
+4.5
°C
-40°C
≤ T
A ≤ +125 °C
—
±2
—
°C
Power Supply
Operating Voltage
VDD
2.7
—
5.5
V
Operating Current (MCP9509)
IDD
—30
50
µA
Operating Current (MCP9510)
IDD
—
50
80
µA
OUTSET = GND or VDD
—
100
165
µA
OUTSET = Unconnected
Hysteresis
Trip Point Hysteresis
THYST
—
+2
—
°C
HYST = GND
—
+10
—
°C
HYST = VDD
Hysteresis Select:
Input (HYST) Thresholds
VIH
VDD -0.4
—
—
V
VIL
——
0.4
V
Hysteresis Input (HYST) Leakage
ILeak
—1
—
µA
MCP9510 Output Control Input (OUTSET Input)
OUTSET Input Voltage Threshold and Output Configuration
Push-Pull, Active Low
VOSET
GND
—
0.2VDD
V
Open-Drain with ROUT, Active
Low
0.45VDD
—0.7VDD
V
or OUTSET Unconnected
Push-Pull, Active High
0.85VDD
—VDD
V
OUTSET Input Leakage and Output Configuration
Push-Pull, Active Low
ILeak
—10
—
µA
GND
≤ V
OSET ≤ 0.2VDD
Open-Drain, Active Low
—
0
—
µA
Unconnected (i.e. open)
—7
—
µA
0.4VDD ≤ VOSET ≤ 0.7VDD
Push-Pull, Active High
—
-10
—
µA
0.85
≤ V
OSET ≤ VDD
OUTSET Input Impedance
ZOUTSET
—500
—
k
Ω
Note 1: This specification is tested at mid supply of 4.1V for optimum operation across the supply voltage range of
2.7V to 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com