Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4541-103E/ML Datasheet(PDF) 69 Page - Microchip Technology

Part # MCP4541-103E/ML
Description  7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541-103E/ML Datasheet(HTML) 69 Page - Microchip Technology

Back Button MCP4541-103E/ML Datasheet HTML 65Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 66Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 67Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 68Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 69Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 70Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 71Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 72Page - Microchip Technology MCP4541-103E/ML Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
© 2008 Microchip Technology Inc.
DS22107A-page 69
MCP454X/456X/464X/466X
8.4
Using the General Call Command
The use of the General Call Address Increment, Decre-
ment, or Write commands is analogous to the “Load”
feature (LDAC pin) on some DACs (such as the
MCP4921). This allows all the devices to “Update” the
output level “at the same time”.
For some applications, the ability to update the wiper
values “at the same time may be a requirement, since
they delay from writing to one wiper value and then the
next may cause application issues. A possible example
would be a “tuned” circuit that uses several MCP45XX/
46XX in rheostat configuration. As the system condition
changes (temperature, load, ...) these devices need to
be changed (incremented/decremented) to adjust for
the system change. These changes will either be in the
same direction or in opposite directions. With the
Potentiometer device the customer can either select
the PxB terminals (same direction) or the PxA
terminal(s) (opposite direction).
Figure 8-6 shows that the update of six devices takes
6*TI2CDLY time in “normal” operation, but only
1*TI2CDLY time in “General Call” operation.
Figure 8-5 shows two I2C bus configurations. In many
cases, the single I2C bus configuration will be
adequate. For applications that do not want all the
MCP45XX/46XX devices to do General Call support or
have a conflict with General Call commands, the
multiple I2C bus configuration would be used.
FIGURE 8-5:
Typical Application I2C Bus
Configurations.
FIGURE 8-6:
Example Comparison of “Normal Operation” vs. “General Call Operation” wiper
Updates.
Note:
The application system may need to
partition the I2C bus into multiple busses to
ensure that the MCP45XX/46XX General
Call commands do not conflict with the
General Call commands that the other I2C
devices may have defined. Also if only a
portion of the MCP45XX/46XX devices are
to require this synchronous operation,
then the devices that should not receive
these commands should be on the second
I2C bus.
Single I2C Bus Configuration
Host
Controller
Device 1
Device 3
Device n
Device 2
Device 4
Multiple I2C Bus Configuration
Host
Controller
Device 1a
Device 3a
Device na
Device 2a
Device 4a
Device 1b
Device 3b
Device nb
Device 2b
Device 4b
Bus b
Bus a
Device 1n
Device 3n
Device nn
Device 2n
Device 4n
Bus n
Normal Operation
General Call Operation
INC
POT01
INC
POT02
INC
POT03
INC
POT04
INC
POT05
INC
POT06
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY = Time from one I
2C command completed to completing the next I2C command.
INC
POTs 01-06
INC
POTs 01-06
INC
POTs 01-06
INC
POTs 01-06
INC
POTs 01-06
INC
POTs 01-06
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY
TI2CDLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com