Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09-E/P Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP23S09-E/P
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09-E/P Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP23S09-E/P Datasheet HTML 32Page - Microchip Technology MCP23S09-E/P Datasheet HTML 33Page - Microchip Technology MCP23S09-E/P Datasheet HTML 34Page - Microchip Technology MCP23S09-E/P Datasheet HTML 35Page - Microchip Technology MCP23S09-E/P Datasheet HTML 36Page - Microchip Technology MCP23S09-E/P Datasheet HTML 37Page - Microchip Technology MCP23S09-E/P Datasheet HTML 38Page - Microchip Technology MCP23S09-E/P Datasheet HTML 39Page - Microchip Technology MCP23S09-E/P Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 36
© 2009 Microchip Technology Inc.
FIGURE 2-7:
SPI INPUT TIMING
109
Output Valid From Clock:
TAA
100 kHz mode
—
—
3.45
µs
1.8V – 5.5V
400 kHz mode
—
—
0.9
µs
1.8V – 5.5V
3.4 MHz mode
—
—
0.18
µs
2.7V – 5.5V
110
Bus Free Time:
TBUF
(NOTE 3)
100 kHz mode
4.7
—
—
µs
1.8V – 5.5V
400 kHz mode
1.3
—
—
µs
1.8V – 5.5V
3.4 MHz mode
N/A
—
N/A
µs
2.7V – 5.5V
Bus Capacitive Loading:
CB
(NOTE 2)
100 kHz and 400 kHz
—
—
400
pF
(Note 1)
3.4 MHz
—
—
100
pF
(Note 1)
Input Filter Spike
Suppression: (SDA and SCL)
TSP
100 kHz and 400 kHz
—
—
50
ns
(Note 1)
3.4 MHz
—
—
10
ns
(Note 1)
TABLE 2-4:
I2C BUS DATA REQUIREMENTS (SLAVE MODE) (CONTINUED)
I2C™ AC Characteristics
Operating Conditions (unless otherwise indicated):
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C
RPU (SCL, SDA) = 1 k
Ω, CL (SCL, SDA) = 135 pF.
Param
No.
Characteristic
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is characterized, not 100% tested.
2:
CB is specified from 10 to 400 (pF).
3:
This parameter is not applicable in high-speed mode (3.4 MHz).
CS
SCK
SI
SO
1
5
4
7
6
3
10
2
LSB in
MSB in
high impedance
11
Mode 1,1
Mode 0,0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com