Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP23S09-E/SS Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP23S09-E/SS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23S09-E/SS Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP23S09-E/SS Datasheet HTML 28Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 29Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 30Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 31Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 32Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 33Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 34Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 35Page - Microchip Technology MCP23S09-E/SS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MCP23009/MCP23S09
DS22121B-page 32
© 2009 Microchip Technology Inc.
TABLE 2-2:
GP AND INT PINS
FIGURE 2-3:
GPIO AND INT TIMING
AC Characteristics Standard Operating Conditions (unless otherwise specified)
1.8V
≤ VDD ≤ 5.5V at -40°C ≤ TA ≤ +125°C.
Parameter
No.
Sym
Characteristic
Min
Typ(2)
Max
Units
Conditions
50
tGPOV
Serial data to output valid
—
—
500
ns
51
tINTD
Interrupt pin disable time
—
—
600
ns
52
tGPIV
GP input change to register valid
—
450
—
ns
Note 1
53
tGPINT IOC event to INT active
—
—
600
ns
54
tGLITCH Glitch filter on GP pins
—
—
50
ns
Note 1
Note 1:
This parameter is characterized, not 100% tested.
2:
Data in the Typical (“Typ”) column is at 5V, +25
°C, unless otherwise stated.
50
SCL
SDA
In
GPn
Pin
D0
D1
LSb of data byte zero
during a write or read
INT
Pin
INT pin active
INT pin
51
command, depending
on parameter
Output
GPn
Pin
Input
inactive
53
52
Register
Loaded



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com