Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L01R Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6L01R
Description  1 MHz, 85 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L01R Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6L01R Datasheet HTML 9Page - Microchip Technology MCP6L01R Datasheet HTML 10Page - Microchip Technology MCP6L01R Datasheet HTML 11Page - Microchip Technology MCP6L01R Datasheet HTML 12Page - Microchip Technology MCP6L01R Datasheet HTML 13Page - Microchip Technology MCP6L01R Datasheet HTML 14Page - Microchip Technology MCP6L01R Datasheet HTML 15Page - Microchip Technology MCP6L01R Datasheet HTML 16Page - Microchip Technology MCP6L01R Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22140A-page 13
MCP6L01/1R/1U/2/4
5.0
DESIGN AIDS
Microchip provides the basic design aids needed for
the MCP6L01/1R/1U/2/4 family of op amps.
5.1
FilterLab® Software
Microchip’s FilterLab® software is an innovative
software tool that simplifies analog active filter (using
op amps) design. Available at no cost from the Micro-
chip web site at www.microchip.com/filterlab, the Filter-
Lab design tool provides full schematic diagrams of the
filter circuit with component values. It also outputs the
filter circuit in SPICE format, which can be used with
the macro model to simulate actual filter performance.
5.2
Microchip Advanced Part Selector
(MAPS)
MAPS is a software tool that helps efficiently identify
Microchip
devices
that
fit
a
particular
design
requirement. Available at no cost from the Microchip
website at www.microchip.com/maps, the MAPS is an
overall selection tool for Microchip’s product portfolio
that includes Analog, Memory, MCUs and DSCs. Using
this tool, a customer can define a filter to sort features
for a parametric search of devices and export side-by-
side technical comparison reports. Helpful links are
also provided for Data sheets, Purchase and Sampling
of Microchip parts.
5.3
Analog Demonstration and
Evaluation Boards
Microchip offers a broad spectrum of Analog Demon-
stration and Evaluation Boards that are designed to
help customers achieve faster time to market. For a
complete listing of these boards and their correspond-
ing user’s guides and technical information, visit the
Microchip web site at www.microchip.com/analog
tools.
Some boards that are especially useful are:
• MCP6XXX Amplifier Evaluation Board 1
• MCP6XXX Amplifier Evaluation Board 2
• MCP6XXX Amplifier Evaluation Board 3
• MCP6XXX Amplifier Evaluation Board 4
• Active Filter Demo Board Kit
• 5/6-Pin SOT-23 Evaluation Board, P/N VSUPEV2
• 8-Pin SOIC/MSOP/TSSOP/DIP Evaluation Board,
P/N SOIC8EV
• 14-Pin SOIC/TSSOP/DIP Evaluation Board, P/N
SOIC14EV
5.4
Application Notes
The
following
Microchip
Application
Notes
are
available on the Microchip web site at www.microchip.
com/appnotes and are recommended as supplemental
reference resources.
• ADN003: “Select the Right Operational Amplifier
for your Filtering Circuits”, DS21821
• AN722: “Operational Amplifier Topologies and DC
Specifications”, DS00722
• AN723: “Operational Amplifier AC Specifications
and Applications”, DS00723
• AN884: “Driving Capacitive Loads With Op
Amps”, DS00884
• AN990: “Analog Sensor Conditioning Circuits –
An Overview”, DS00990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com